Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F215RE Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32F215RE
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F215RE Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32F215RE Datasheet HTML 40Page - STMicroelectronics STM32F215RE Datasheet HTML 41Page - STMicroelectronics STM32F215RE Datasheet HTML 42Page - STMicroelectronics STM32F215RE Datasheet HTML 43Page - STMicroelectronics STM32F215RE Datasheet HTML 44Page - STMicroelectronics STM32F215RE Datasheet HTML 45Page - STMicroelectronics STM32F215RE Datasheet HTML 46Page - STMicroelectronics STM32F215RE Datasheet HTML 47Page - STMicroelectronics STM32F215RE Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 173 page
background image
Pinouts and pin description
STM32F21xxx
44/173
Doc ID 17050 Rev 8
--
-
83 M11
PH6
I/O FT
PH6
I2C2_SMBA / TIM12_CH1 /
ETH_MII_RXD2/
EVENTOUT
--
-
84 N12
PH7
I/O FT
PH7
I2C3_SCL / ETH_MII_RXD3/
EVENTOUT
--
-
85 M12
PH8
I/O FT
PH8
I2C3_SDA / DCMI_HSYNC/
EVENTOUT
--
-
86 M13
PH9
I/O FT
PH9
I2C3_SMBA / TIM12_CH2/
DCMI_D0/ EVENTOUT
-
-
-
87 L13
PH10
I/O FT
PH10
TIM5_CH1 / DCMI_D1/
EVENTOUT
-
-
-
88 L12
PH11
I/O FT
PH11
TIM5_CH2 / DCMI_D2/
EVENTOUT
--
-
89 K12
PH12
I/O FT
PH12
TIM5_CH3 / DCMI_D3/
EVENTOUT
--
-
90 H12
VSS_14
SVSS_14
--
-
91 J12
VDD_14
SVDD_14
33 51 73 92 P12
PB12
I/O FT
PB12
SPI2_NSS/I2S2_WS/
I2C2_SMBA/
USART3_CK/ TIM1_BKIN /
CAN2_RX /
OTG_HS_ULPI_D5/
ETH_RMII_TXD0 /
ETH_MII_TXD0/
OTG_HS_ID/ EVENTOUT
34 52 74 93 P13
PB13
I/O FT
PB13
SPI2_SCK / I2S2_SCK /
USART3_CTS/
TIM1_CH1N /CAN2_TX /
OTG_HS_ULPI_D6 /
ETH_RMII_TXD1 /
ETH_MII_TXD1/
EVENTOUT
OTG_HS_
VBUS
35 53 75 94 R14
PB14
I/O FT
PB14
SPI2_MISO/ TIM1_CH2N /
TIM12_CH1 / OTG_HS_DM
USART3_RTS/ TIM8_CH2N/
EVENTOUT
36 54 76 95 R15
PB15
I/O FT
PB15
SPI2_MOSI / I2S2_SD /
TIM1_CH3N / TIM8_CH3N /
TIM12_CH2 / OTG_HS_DP /
RTC_50Hz/ EVENTOUT
-55 77 96 P15
PD8
I/O FT
PD8
FSMC_D13 / USART3_TX/
EVENTOUT
Table 5.
STM32F21x pin and ball definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Other
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com