Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F215VE Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM32F215VE
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F215VE Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32F215VE Datasheet HTML 46Page - STMicroelectronics STM32F215VE Datasheet HTML 47Page - STMicroelectronics STM32F215VE Datasheet HTML 48Page - STMicroelectronics STM32F215VE Datasheet HTML 49Page - STMicroelectronics STM32F215VE Datasheet HTML 50Page - STMicroelectronics STM32F215VE Datasheet HTML 51Page - STMicroelectronics STM32F215VE Datasheet HTML 52Page - STMicroelectronics STM32F215VE Datasheet HTML 53Page - STMicroelectronics STM32F215VE Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 173 page
background image
Pinouts and pin description
STM32F21xxx
50/173
Doc ID 17050 Rev 8
7.
If the device is delivered in an UFBGA176 package and if the REGOFF pin is set to VDD (Regulator OFF), then PA0 is used
as an internal Reset (active low).
8.
FSMC_NL pin is also named FSMC_NADV on memory devices.
9.
RFU means “reserved for future use”. This pin can be tied to VDD,VSS or left unconnected.
Table 6.
FSMC pin definition
Pins
FSMC
LQFP100
CF
NOR/PSRAM/S
RAM
NOR/PSRAM Mux
NAND 16 bit
PE2
A23
A23
Yes
PE3
A19
A19
Yes
PE4
A20
A20
Yes
PE5
A21
A21
Yes
PE6
A22
A22
Yes
PF0
A0
A0
-
PF1
A1
A1
-
PF2
A2
A2
-
PF3
A3
A3
-
PF4
A4
A4
-
PF5
A5
A5
-
PF6
NIORD
-
PF7
NREG
-
PF8
NIOWR
-
PF9
CD
-
PF10
INTR
-
PF12
A6
A6
-
PF13
A7
A7
-
PF14
A8
A8
-
PF15
A9
A9
-
PG0
A10
A10
-
PG1
A11
-
PE7
D4
D4
DA4
D4
Yes
PE8
D5
D5
DA5
D5
Yes
PE9
D6
D6
DA6
D6
Yes
PE10
D7
D7
DA7
D7
Yes
PE11
D8
D8
DA8
D8
Yes
PE12
D9
D9
DA9
D9
Yes
PE13
D10
D10
DA10
D10
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com