Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F217VG Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32F217VG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F217VG Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32F217VG Datasheet HTML 81Page - STMicroelectronics STM32F217VG Datasheet HTML 82Page - STMicroelectronics STM32F217VG Datasheet HTML 83Page - STMicroelectronics STM32F217VG Datasheet HTML 84Page - STMicroelectronics STM32F217VG Datasheet HTML 85Page - STMicroelectronics STM32F217VG Datasheet HTML 86Page - STMicroelectronics STM32F217VG Datasheet HTML 87Page - STMicroelectronics STM32F217VG Datasheet HTML 88Page - STMicroelectronics STM32F217VG Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 175 page
background image
DocID17050 Rev 9
85/175
STM32F21xxx
Electrical characteristics
174
APB1
TIM2
0.61
mA
TIM3
0.49
TIM4
0.54
TIM5
0.62
TIM6
0.20
TIM7
0.20
TIM12
0.36
TIM13
0.28
TIM14
0.25
USART2
0.25
USART3
0.25
UART4
0.25
UART5
0.26
I2C1
0.25
I2C2
0.25
I2C3
0.25
SPI2
0.20/0.10
SPI3
0.18/0.09
CAN1
0.31
CAN2
0.30
DAC channel 1(2)
1.11
DAC channel 1(3)
1.11
PWR
0.15
WWDG
0.15
Table 25. Peripheral current consumption (continued)
Peripheral(1)
Typical consumption at 25 °C
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com