Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F217IG Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32F217IG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F217IG Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32F217IG Datasheet HTML 8Page - STMicroelectronics STM32F217IG Datasheet HTML 9Page - STMicroelectronics STM32F217IG Datasheet HTML 10Page - STMicroelectronics STM32F217IG Datasheet HTML 11Page - STMicroelectronics STM32F217IG Datasheet HTML 12Page - STMicroelectronics STM32F217IG Datasheet HTML 13Page - STMicroelectronics STM32F217IG Datasheet HTML 14Page - STMicroelectronics STM32F217IG Datasheet HTML 15Page - STMicroelectronics STM32F217IG Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 175 page
background image
Table 2. STM32F215xx and STM32F217xx: features and peripheral counts
Peripherals
STM32F215Rx
STM32F215Vx
STM32F215Zx
STM32F217Vx
STM32F217Zx
STM32F217Ix
Flash memory in Kbytes
512
1024
512
1024
512
1024
512
1024
512
1024
512
1024
SRAM in Kbytes
System
128(112+16)
Backup
4
4
4
4
4
4
FSMC memory controller
No
Yes(1)
Ethernet(2)
No
Yes
Timers
General-purpose
10
Advanced-control
2
Basic
2
IWDG
Yes
WWDG
Yes
RTC
Yes
Random number generator
Yes
Communication
interfaces
SPI / (I2S)
3 (2)(3)
I2C
3
USART
UART
4
2
USB OTG FS
Yes
USB OTG HS
Yes
CAN
2
Camera interface(2)
No
Yes
Encryption
Yes
GPIOs
51
82
114
82
114
140
SDIO
Yes
12-bit ADC
Number of channels
3
16
16
24
16
24
24
12-bit DAC
Number of channels
Yes
2
Maximum CPU frequency
120 MHz
Operating voltage
1.8 V to 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com