Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F217IG Datasheet(PDF) 166 Page - STMicroelectronics

Part # STM32F217IG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F217IG Datasheet(HTML) 166 Page - STMicroelectronics

Back Button STM32F217IG Datasheet HTML 162Page - STMicroelectronics STM32F217IG Datasheet HTML 163Page - STMicroelectronics STM32F217IG Datasheet HTML 164Page - STMicroelectronics STM32F217IG Datasheet HTML 165Page - STMicroelectronics STM32F217IG Datasheet HTML 166Page - STMicroelectronics STM32F217IG Datasheet HTML 167Page - STMicroelectronics STM32F217IG Datasheet HTML 168Page - STMicroelectronics STM32F217IG Datasheet HTML 169Page - STMicroelectronics STM32F217IG Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 175 page
background image
Revision history
STM32F21xxx
166/175
DocID17050 Rev 9
22-Apr-2011
4
(continued)
Updated tres(TIM) in Table 49: Characteristics of TIMx connected to the
APB1 domain. Modified tres(TIM) and fEXT Table 50: Characteristics of
TIMx connected to the APB2 domain.
Changed tw(SCKH) to tw(SCLH), tw(SCKL) to tw(SCLL), tr(SCK) to tr(SCL), and
tf(SCK) to tf(SCL) in Table 51: I2C characteristics and Figure 38: I2C bus
AC waveforms and measurement circuit.
Added Table 56: USB OTG FS DC electrical characteristics and
updated Table 57: USB OTG FS electrical characteristics.
Updated VDD minimum value in Table 61: Ethernet DC electrical
characteristics.
Updated Table 65: ADC characteristics and RAIN equation.
Updated RAIN equation. Updated Table 67: DAC characteristics.
Updated tSTART in Table 68: TS characteristics.
Updated Table 70: Embedded internal reference voltage.
Modified FSMC_NOE waveform in Figure 54: Asynchronous non-
multiplexed SRAM/PSRAM/NOR read waveforms. Shifted end of
FSMC_NEx/NADV/addresses/NWE/NOE/NWAIT of a half FSMC_CLK
period, changed td(CLKH-NExH) to td(CLKL-NExH), td(CLKH-AIV) to td(CLKL-
AIV), td(CLKH-NOEH) to td(CLKL-NOEH), and td(CLKH-NWEH) to td(CLKL-
NWEH), and updated data latency from 1 to 0 in Figure 58:
Synchronous multiplexed NOR/PSRAM read timings, Figure 59:
Synchronous multiplexed PSRAM write timings, Figure 60:
Synchronous non-multiplexed NOR/PSRAM read timings, and
Figure 61: Synchronous non-multiplexed PSRAM write timings,
Changed td(CLKH-NExH) to td(CLKL-NExH), td(CLKH-AIV) to td(CLKL-AIV),
td(CLKH-NOEH) to td(CLKL-NOEH), td(CLKH-NWEH) to td(CLKL-NWEH), and
modified tw(CLK) minimum value in Table 75, Table 76, Table 77, and
Table 78.
Updated R typical value in Table 69: VBAT monitoring
characteristics.Updated note 2 in Table 71, Table 72, Table 73,
Table 74, Table 75, Table 76, Table 77, and Table 78.
Modified th(NIOWR-D) in Figure 67: PC Card/CompactFlash controller
waveforms for I/O space write access.
Modified FSMC_NCEx signal in Figure 68: NAND controller
waveforms for read access, Figure 69: NAND controller waveforms for
write access, Figure 70: NAND controller waveforms for common
memory read access, and Figure 71: NAND controller waveforms for
common memory write access.
Specified Full speed (FS) mode for Figure 86: USB OTG HS
peripheral-only connection in FS mode and Figure 87: USB OTG HS
host-only connection in FS mode.
Table 93. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com