Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F373VB Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F373VB
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373VB Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F373VB Datasheet HTML 7Page - STMicroelectronics STM32F373VB Datasheet HTML 8Page - STMicroelectronics STM32F373VB Datasheet HTML 9Page - STMicroelectronics STM32F373VB Datasheet HTML 10Page - STMicroelectronics STM32F373VB Datasheet HTML 11Page - STMicroelectronics STM32F373VB Datasheet HTML 12Page - STMicroelectronics STM32F373VB Datasheet HTML 13Page - STMicroelectronics STM32F373VB Datasheet HTML 14Page - STMicroelectronics STM32F373VB Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 131 page
background image
DocID022691 Rev 4
11/131
STM32F37xxx
Description
47
Figure 1. Block diagram
1. AF: alternate function on I/O pins.
2. Example given for STM32F372xx device.
PA[15:0]
EXT.IT
WWDG
NVIC
12-bit ADC
JTAG & SW
16 AINs
JTDI
JTCK/SWCLK
JTMS/SWDAT
JTRST
JTDO
NRESET
VDD=2 to 3.6V
XX AF
PB[15:14-10:0]
PC[15:0]
AHB to
USB 2.0 FS
CAN TX/CAN RX
MOSI,MISO,
SRAM
2x(8x16bit)
WKUP
fmax:72 MHz
VSS
SCL,SDA,SMBA
I2C2
VREF+
DMA1
TIM2
TIM3
XTAL OSC
4-32 MHz
XTAL 32kHz
OSC_IN
OSC_OUT
OSC32_OUT
OSC32_IN
HCLK
MANAGT
APBP1CLK
as AF
Flash up to 256 KB
VOLT. REG.
3.3V TO 1.8V
VDD18
POWER
Backup interface
as AF
64 bit
up to 32 KB
RTC
CORTEX M4 CPU
Ibus
Dbus
Pbus
Trace
Controller
USART1
USART2
SPI2/IS2
7 channels
Backup
reg
SCL,SDA,SMBA
I2C1
as AF
RX,TX, CTS, RTS,
USART3
Temp sensor
VREF-
PD[15:0]
PE[15:0]
4 Channels, ETR
4 Channels, ETR
FCLK
Standby
IWDG
@VDDIO
@VSW
POR / PDR
SUPPLY
@VDDA
VDDA
VSSA
VBAT
SmartCard as AF
RX,TX, CTS, RTS,
SmartCard as AF
RX,TX, CTS, RTS,
SmartCard as AF
NVIC
SPI1/I2S1
MOSI,MISO,
SCK,NSS as AF
IF
interface
SUPERVISION
PVD
Reset
Int
@VDDIO
AHB to
APB2
APB1
AWU
POR
ANTI-TAMP
System
PF[7 bits]
SCK,NSS as AF
MOSI,MISO,
2x(8x16bit)
SPI3/I2S3
SCK,NSS as AF
RESET&
CLOCK
CTRL
APBP2CLK
12-bit DAC1_OUT1
IF
@VDDA
DAC1_OUT1 as AF
DAC1_OUT2 as AF
USARTCLK
CECCLK
ADCCLK
SDADC
CRC
GPIO PORT A
GPIO PORT B
GPIO PORT C
GPIO PORT D
GPIO PORT E
GPIO PORT F
as AF
as AF
TIM 15
TIM 16
TIM 17
2 Channels,
1 Channels,
1 Channel,
1 Comp Channel,
BRK as AF
1 Comp Channel,
BRK as AF
1 Comp Channel,
BRK as AF
HDMI CEC
HDMI CEC as AF
DAC2_OUT1 as AF
TIM7
TIM6
TIM18
@VDDA
16-bit SDADC3
VREFSD+
VREFSD-
IF
@VDDSD3
16-bit SDADC1 IF
@VDDSD12
16-bit SDADC2 IF
10 SDADC3 INs
5 SDADC1 INs
& 5 shared w/
5 SDADC2 INs.
& 5 shared w/ SD1
VDDSD12
VDDSD3
COMP1
@VDD
COMP 2
SYSCFG CTL
4 INs, 2 OUTs as AF
Touch Sensing
Controller
8 Groups of
4 channels max
TIM4
4 Channels, ETR
as AF
TIM5
4 Channels, ETR
as AF
bxCAN
DMA2
TIM 19
4 C
hannels, ETR
2 C
hannel, ETR
SRAM 512B
5 channels
TIM12
1 Channel as AF
TIM13
TIM14
1 Channel as AF
as AF
SDADC2
as AF
as AF
1/2/3CLK
USB_DM/USB_DP
VSSSD
12-bit DAC1_OUT2
IF
12-bit DAC2_OUT1
IF
MS32157V1
RC LS
@VDDA
PLL
RC HS 8 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com