Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F217ZG Datasheet(PDF) 174 Page - STMicroelectronics

Part # STM32F217ZG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F217ZG Datasheet(HTML) 174 Page - STMicroelectronics

Back Button STM32F217ZG Datasheet HTML 167Page - STMicroelectronics STM32F217ZG Datasheet HTML 168Page - STMicroelectronics STM32F217ZG Datasheet HTML 169Page - STMicroelectronics STM32F217ZG Datasheet HTML 170Page - STMicroelectronics STM32F217ZG Datasheet HTML 171Page - STMicroelectronics STM32F217ZG Datasheet HTML 172Page - STMicroelectronics STM32F217ZG Datasheet HTML 173Page - STMicroelectronics STM32F217ZG Datasheet HTML 174Page - STMicroelectronics STM32F217ZG Datasheet HTML 175Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 174 / 175 page
background image
Revision history
STM32F21xxx
174/175
DocID17050 Rev 9
04-Nov-2013
9
Updated Figure 74: LQFP64 – 10 x 10 mm 64 pin low-profile quad flat
package outline and Table 86: LQFP64 – 10 x 10 mm 64 pin low-
profile quad flat package mechanical data. Updated Figure 76:
LQFP100, 14 x 14 mm 100-pin low-profile quad flat package outline,
Figure 78: LQFP144, 20 x 20 mm, 144-pin low-profile quad flat
package outline, Figure 80: LQFP176 - Low profile quad flat package
24 × 24 × 1.4 mm, package outline. Updated Figure 82:
UFBGA176+25 - ultra thin fine pitch ball grid array 10 × 10 × 0.6 mm,
package outline and Figure 82: UFBGA176+25 - ultra thin fine pitch
ball grid array 10 × 10 × 0.6 mm, package outline.
Removed Appendix A Application block diagrams.
Table 93. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com