Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151RD Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32L151RD
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32L151RD Datasheet HTML 9Page - STMicroelectronics STM32L151RD Datasheet HTML 10Page - STMicroelectronics STM32L151RD Datasheet HTML 11Page - STMicroelectronics STM32L151RD Datasheet HTML 12Page - STMicroelectronics STM32L151RD Datasheet HTML 13Page - STMicroelectronics STM32L151RD Datasheet HTML 14Page - STMicroelectronics STM32L151RD Datasheet HTML 15Page - STMicroelectronics STM32L151RD Datasheet HTML 16Page - STMicroelectronics STM32L151RD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 140 page
background image
STM32L151xD STM32L152xD
Functional overview
Doc ID 022027 Rev 6
13/140
3
Functional overview
Figure 1.
Ultra-low-power STM32L15xxD block diagram
EX T .IT
WinWA T CH D O G
12b it AD C
JT A G & S W
40 AF
JT D I
J T CK /S WCLK
J T MS /SWDAT
NJ T R S T
JT D O
NRST
V DD 33=1.65V to 3.6V
115 A F
US B 2. 0 F S dev ic e
US B _ DP
US B _ DM
MO S I,MIS O, S CK ,NS S ,WS ,C K
SRA M 48K
2x (8x 16b it)
WKU P
f max :32 MHz
V SS
S C L ,S DA ,S MBus ,P MBus
I2C 2
V DDR E F _AD C
*
GP D MA 7 c h a n n els
TIME R 2
TIME R 3
XT A L O S C
1-24 MH z
XT A L 32k H z
O S C_IN
O S C_OUT
O S C 32_ O UT
O S C 32_ IN
AH B P C L K
HC L K
APB P C L K
as A F
EE P R O M
VO L T . R E G .
V DDC OR E
PO WE R
B ac k u p i nterfac e
as A F
TIME R 4
64 bit
RT C V2
RC H S I
M3 C P U
Ib us
Dbu s
US B S RA M 512 B
Trace C on tro ller E TM
US AR T 1
US A R T 2
SP I2/I2S
Back u p
reg 12 8
SC L,SD A
I2C 1
as A F
RX ,T X , C T S , R T S,
US A R T 3
Temp s ens or
V S S R E F _AD C
*
4 C han nels
4 C han nels
4 C han nels
RC MS I
S tandb y
WD G 32K
@V DD 33
VDD A /
VS S A
S martC ard as A F
RX ,T X , CT S , R T S ,
SmartC ard as A F
RX ,T X , C T S , RT S ,
S m artC ard as A F
NV IC
SP I1
MO S I,MIS O ,
SCK ,NS S as A F
IF
interfac e
@ V DD A
PV D
BO R
Int
@V DD 33
AW U
TAMPER
Sy s tem
PA[15:0]
PB [15:0]
PC [15:0]
G P IO P O R T C
P D [15:0]
G P IO P O R T D
PE [15:0]
G P IO P O R T E
Px
LCD 8x 40
SE G x
CO Mx
12b it DAC 1
F
IF
IIF
12 bit DAC 2
DAC_OUT1 as AF
MP U
Vref
GP C om p
BO R /B g ap
C O MP x_ INx
PU / PD
RTC_OUT
PD R
PD R
TIME R 6
TIME R 7
TIME R 9
TIME R 10
TIME R 11
2 C h ann els
1C han nel
1C han nel
General purpose
timers
384 KB P R OG RA M
12KB DA T A
8KB B OO T
LCD B o os ter
V LC D =2.5V to 3.6V
@V DD 33
PH [2:0]
G P IO P O R T H
RC L S I
DUA L BANK
- RW W
FC L K
P F [15 :0]
G P IO P O R T F
P G [15:0]
G P IO P O R T G
G P D MA2 5 c h a n n els
FS MC
D (15 :0)
CL K
OE N
A(25:0)
WE N
WA IT N
E BAR (2:0)
LBA R
BL N(1:0)
TIME R 5 (32 bits )
4 C han nels
US A R T 4
RX ,T X as A F
US A R T 5
RX ,T X as A F
MO SI,MIS O, SCK ,NS S,WS ,C K
2x (8x 16b it)
MCK ,S D as A F
SP I3/I2S
SDIO
D(7:0)
CMD
CK
OP A MP 1
OP A MP 2
MCK ,S D as A F
OP A MP 3
TRACECK, TRACED0, TRACED1, TRACED2, TRACED4
pbus
Cap. sens
Supply
monitoring
@VDDA
@VDDA
@VDDA
@VDDA
Supply monitoring
Cap. sensing
G P IO P O R T B
G P IO P O R T A
MS18272V4
PLL &
Clock
Mgmt
VINP
VINM
VOUT
VINP
VINM
VOUT
VINP
VINM
VOUT
DAC_OUT2 as AF
AHB/APB2
AHB/APB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com