Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151VD Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32L151VD
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VD Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32L151VD Datasheet HTML 61Page - STMicroelectronics STM32L151VD Datasheet HTML 62Page - STMicroelectronics STM32L151VD Datasheet HTML 63Page - STMicroelectronics STM32L151VD Datasheet HTML 64Page - STMicroelectronics STM32L151VD Datasheet HTML 65Page - STMicroelectronics STM32L151VD Datasheet HTML 66Page - STMicroelectronics STM32L151VD Datasheet HTML 67Page - STMicroelectronics STM32L151VD Datasheet HTML 68Page - STMicroelectronics STM32L151VD Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 140 page
background image
STM32L151xD STM32L152xD
Electrical characteristics
Doc ID 022027 Rev 6
65/140
Table 22.
Typical and maximum current consumptions in Stop mode
Symbol
Parameter
Conditions
Typ Max(1) Unit
IDD (Stop
with RTC)
Supply current in Stop
mode with RTC enabled
RTC clocked by LSI or
LSE external clock
(32.768kHz), regulator
in LP mode,HSI and
HSE OFF (no
independent watchdog)
LCD OFF
TA = -40°C to 25°C
VDD = 1.8 V
1.5
µA
TA = -40°C to 25°C
1.7
4
TA = 55°C
2.4
6
TA= 85°C
5.4
10
TA = 105°C
11.0
23
LCD ON
(static
duty)(2)
TA = -40°C to 25°C
3.8
6
TA = 55°C
4.4
7
TA= 85°C
7.4
12
TA = 105°C
14.4
27
LCD ON
(1/8
duty)(3)
TA = -40°C to 25°C
7.8
10
TA = 55°C
8.3
11
TA= 85°C
11.4
16
TA = 105°C
20.5
44
RTC clocked by LSE
external quartz
(32.768kHz), regulator
in LP mode, HSI and
HSE OFF (no
independent
watchdog(4)
LCD OFF
TA = -40°C to 25°C
2.1
-
TA = 55°C
2.8
-
TA= 85°C
3.8
-
TA = 105°C
11.1
-
LCD ON
(static
duty)(2)
TA = -40°C to 25°C
4.2
-
TA = 55°C
4.8
-
TA= 85°C
7.9
-
TA = 105°C
15.0
-
LCD ON
(1/8
duty)(3)
TA = -40°C to 25°C
8.2
-
TA = 55°C
8.7
-
TA= 85°C
11.9
-
TA = 105°C
21.4
-
LCD OFF
TA = -40°C to 25°C
VDD = 1.8V
1.6
-
TA = -40°C to 25°C
VDD = 3.0V
1.9
-
TA = -40°C to 25°C
VDD = 3.6V
2.1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com