Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT121302 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AMT121302
Description  1.25Gb/s 1310/1550nm PIN-TIA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT121302 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AMT121302 Datasheet HTML 1Page - ANADIGICS, Inc AMT121302 Datasheet HTML 2Page - ANADIGICS, Inc AMT121302 Datasheet HTML 3Page - ANADIGICS, Inc AMT121302 Datasheet HTML 4Page - ANADIGICS, Inc AMT121302 Datasheet HTML 5Page - ANADIGICS, Inc AMT121302 Datasheet HTML 6Page - ANADIGICS, Inc AMT121302 Datasheet HTML 7Page - ANADIGICS, Inc AMT121302 Datasheet HTML 8Page - ANADIGICS, Inc AMT121302 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
AMT121302
Data Sheet - Revision 0
03/01
Table 1: Absolute Maximum Ratings
V
D
D
V
0
.
7
P
N
I
m
B
d
5
+
T
S
C
°
5
2
1
o
t
C
°
5
6
-
.
p
m
e
T
e
g
a
r
o
t
S
Table 2: Electrical Characteristics
Table 3: Package PIN Description
1.
Measured at -17 dBm optical input power with a SMF and output connected
into R
L = 100 W (differential).
2.
Measured at 10 –10 BER with a 27-1 PRBS, 1.25 Gb/s.
3.
Input optical power = -3 dBm, R
L = 100 W (differential).
4.
Measured with a 625 MHz, 50% duty cycle square wave.
5.
Measured with a 1.25 Gb/s, 27-1 PRBS.
6.
1s about the center eye crossing.
7.
6s about the center eye crossing.
R
E
T
E
M
A
R
A
PN
I
MP
Y
TX
A
MT
I
N
U
)
(
h
t
g
n
e
l
e
v
a
W0
7
2
10
6
5
1m
n
r
e
t
e
m
a
i
D
r
o
t
c
e
t
e
D5
7m
µ
y
ti
v
i
s
n
o
p
s
e
R
)
z
H
M
0
5
@
(
l
a
it
n
e
r
e
ff
i
D
l
a
n
g
i
S
ll
a
m
S
)
1
(
e
g
a
k
c
a
P
F
6
4
T
r
o
F
e
g
a
k
c
a
P
L
6
4
T
r
o
F
0
0
5
2
0
0
0
2
0
0
3
3W
/
V
h
t
d
i
w
d
n
a
B
)
1
(
0
0
0
10
0
1
1z
H
M
ff
o
t
u
C
y
c
n
e
u
q
e
r
F
w
o
L0
0
8z
H
k
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O5
20
40
6
e
g
a
tl
o
V
t
e
s
ff
O
t
u
p
t
u
O2
.
2V
d
a
o
lr
e
v
O
l
a
c
it
p
O
)
2
(
3
-0
m
B
d
y
ti
v
it
i
s
n
e
S
l
a
c
it
p
O
)
2
(
e
g
a
k
c
a
P
F
6
4
T
r
o
F
e
g
a
k
c
a
P
L
6
4
T
r
o
F
6
2
-
5
2
-
8
2
-
m
B
d
e
g
a
tl
o
V
t
u
p
t
u
O
l
a
it
n
e
r
e
ff
i
D
)
4
(
,
)
3
(
0
5
30
0
6V
m
T
E
S
I
R
T
&
L
L
A
F
)
%
0
8
-
0
2
(
)
4
(
,
)
3
(
0
6
10
6
2s
p
n
o
it
r
o
t
s
i
D
e
l
c
y
C
y
t
u
D
)
5
(
,
)
3
(
36
%
r
e
tt
i
J
S
M
R
)
6
(
,
)
5
(
,
)
3
(
5
10
3s
p
)
k
p
-
k
p
(
r
e
tt
i
J
l
a
t
o
T
)
7
(
,
)
5
(
,
)
3
(
0
90
5
1s
p
t
n
e
r
r
u
C
y
l
p
p
u
S5
30
5A
m
e
g
n
a
R
e
g
a
tl
o
V
g
n
it
a
r
e
p
O5
.
4
+0
.
5
+5
.
5
+V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
O0
0
7
o
C
n
i
Pn
o
it
p
i
r
c
s
e
Dt
n
e
m
m
o
C
1V
T
U
O
)
d
e
tr
e
v
n
I-
n
o
n
(
e
g
a
tl
o
V
t
u
p
t
u
O
A
I
T
-t
u
p
n
i
l
a
c
it
p
o
h
ti
w
'
1
'
l
a
c
i
g
o
L
2V
D
D
e
g
a
tl
o
V
y
l
p
p
u
S
e
v
it
i
s
o
P
-s
tl
o
V
5
+
3V
T
U
O
)
d
e
tr
e
v
n
I(
e
g
a
tl
o
V
t
u
p
t
u
O
A
I
T
-t
u
p
n
i
l
a
c
it
p
o
h
ti
w
'
0
'
l
a
c
i
g
o
L
4d
n
u
o
r
Gd
e
d
n
u
o
r
g
s
i
e
s
a
C
W
l



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com