Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16CPC26 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STP16CPC26
Description  Low voltage 16-bit constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPC26 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STP16CPC26 Datasheet HTML 14Page - STMicroelectronics STP16CPC26 Datasheet HTML 15Page - STMicroelectronics STP16CPC26 Datasheet HTML 16Page - STMicroelectronics STP16CPC26 Datasheet HTML 17Page - STMicroelectronics STP16CPC26 Datasheet HTML 18Page - STMicroelectronics STP16CPC26 Datasheet HTML 19Page - STMicroelectronics STP16CPC26 Datasheet HTML 20Page - STMicroelectronics STP16CPC26 Datasheet HTML 21Page - STMicroelectronics STP16CPC26 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Package mechanical data
STP16CPC26
18/26
Doc ID 18469 Rev 4
11
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK
®
packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK
®
is an ST trademark.
Table 10.
QSOP-24 mechanical data
Dim.
mm.
inch
Min
Typ
Max
Min
Typ
Max
A
1.54
1.62
1.73
0.061
0.064
0.068
A1
0.1
0.15
0.25
0.004
0.006
0.010
A2
1.47
0.058
b
0.31
0.2
0.012
0.008
c
0.254
0.17
0.010
0.007
D
8.56
8.66
8.76
0.337
0.341
0.345
E
5.8
6
6.2
0.228
0.236
0.244
E1
3.8
3.91
4.01
0.150
0.154
0.158
e
0.635
0.025
L
0.4
0.635
0.89
0.016
0.025
0.035
h
0.25
0.33
0.41
0.010
0.013
0.016
<
8°
0°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com