Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU5N52K3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU5N52K3
Description  N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU5N52K3 Datasheet(HTML) 1 Page - STMicroelectronics

  STU5N52K3 Datasheet HTML 1Page - STMicroelectronics STU5N52K3 Datasheet HTML 2Page - STMicroelectronics STU5N52K3 Datasheet HTML 3Page - STMicroelectronics STU5N52K3 Datasheet HTML 4Page - STMicroelectronics STU5N52K3 Datasheet HTML 5Page - STMicroelectronics STU5N52K3 Datasheet HTML 6Page - STMicroelectronics STU5N52K3 Datasheet HTML 7Page - STMicroelectronics STU5N52K3 Datasheet HTML 8Page - STMicroelectronics STU5N52K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
December 2010
Doc ID 16952 Rev 2
1/23
23
STB5N52K3, STD5N52K3, STF5N52K3
STP5N52K3, STU5N52K3
N-channel 525 V, 1.2
Ω, 4.4 A SuperMESH3™ Power MOSFET
D²PAK, DPAK, TO-220FP, TO-220, IPAK
Features
■ 100% avalanche tested
■ Extremely high dv/dt capability
■ Gate charge minimized
■ Very low intrinsic capacitance
■ Improved diode reverse recovery
characteristics
■ Zener-protected
Application
Switching applications
Description
These devices are made using the
SuperMESH3™ Power MOSFET technology that
is obtained via improvements applied to
STMicroelectronics’ SuperMESH™ technology
combined with a new optimized vertical structure.
The resulting product has an extremely low on
resistance, superior dynamic performance and
high avalanche capability, making it especially
suitable for the most demanding applications.
Figure 1.
Internal schematic diagram
Order codes
VDSS RDS(on) max
ID
Pw
STB5N52K3
STD5N52K3
STF5N52K3
STP5N52K3
STU5N52K3
525 V
< 1.5
Ω
4.4 A
70 W
70 W
25 W
70 W
70 W
1
2
3
TO-220
IPAK
TO-220FP
1
2
3
3
2
1
DPAK
1
3
1
3
D²PAK
D(2)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB5N52K3
5N52K3
D²PAK
Tape and reel
STD5N52K3
DPAK
STF5N52K3
TO-220FP
Tube
STP5N52K3
TO-220
STU5N52K3
IPAK
www.st.com


Similar Part No. - STU5N52K3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STU5N52K3 ETC2-STU5N52K3 Datasheet
1Mb / 23P
N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STU5N52K3 STMICROELECTRONICS-STU5N52K3 Datasheet
1Mb / 23P
N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
14-Dec-2010
logo
Inchange Semiconductor ...
STU5N52K3 ISC-STU5N52K3 Datasheet
317Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STU5N52K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7N52K3 STMICROELECTRONICS-STB7N52K3_09 Datasheet
1Mb / 18P
N-channel 525 V, 0.84 OHM, 6.2 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3 Power MOSFET
10-Sep-2009
STD6N52K3 STMICROELECTRONICS-STD6N52K3 Datasheet
249Kb / 12P
N-channel 525 V, 1 Ω, 5 A, DPAK, TO-220FP SuperMESH3??Power MOSFET
03-Sep-2008
STD5N52U STMICROELECTRONICS-STD5N52U Datasheet
943Kb / 18P
N-channel 525 V, 1.28 ohm, 4.4 A, DPAK, TO-220FP, I2PAK UltraFASTmesh Power MOSFET
28-Sep-2011
STB5N62K3 STMICROELECTRONICS-STB5N62K3 Datasheet
1Mb / 19P
N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
20-Oct-2010
STB11N52K3 STMICROELECTRONICS-STB11N52K3 Datasheet
1Mb / 20P
N-channel 525 V, 0.41 ohm, 10 A SuperMESH3 Power MOSFET
27-Mar-2012
logo
List of Unclassifed Man...
STU5N52K3 ETC2-STU5N52K3 Datasheet
1Mb / 23P
N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STD5N52K3 STMICROELECTRONICS-STD5N52K3 Datasheet
1Mb / 23P
N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
14-Dec-2010
STU2N62K3 STMICROELECTRONICS-STU2N62K3 Datasheet
1Mb / 25P
N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
20-Mar-2012
logo
Unisonic Technologies
UF624 UTC-UF624 Datasheet
206Kb / 6P
4.4 A, 250 V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDD5N50G MGCHIP-MDD5N50G Datasheet
773Kb / 6P
N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com