Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16CPC26XTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STP16CPC26XTR
Description  Low voltage 16-bit constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPC26XTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STP16CPC26XTR Datasheet HTML 13Page - STMicroelectronics STP16CPC26XTR Datasheet HTML 14Page - STMicroelectronics STP16CPC26XTR Datasheet HTML 15Page - STMicroelectronics STP16CPC26XTR Datasheet HTML 16Page - STMicroelectronics STP16CPC26XTR Datasheet HTML 17Page - STMicroelectronics STP16CPC26XTR Datasheet HTML 18Page - STMicroelectronics STP16CPC26XTR Datasheet HTML 19Page - STMicroelectronics STP16CPC26XTR Datasheet HTML 20Page - STMicroelectronics STP16CPC26XTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
STP16CPC26
Thermal shutdown
Doc ID 18469 Rev 4
17/26
10
Thermal shutdown
The STP16CPC26 is featured with a thermal shutdown. This protection is triggered if the
junction temperature reaches 170°C. When the thermal shutdown is activated, all outputs
are turned off independently on the data latched.
Once the temperature decreases (thermal shutdown hysteresis is typically 15°C), the
outputs are enabled again and the device keeps on working.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com