Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16CPC26PTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STP16CPC26PTR
Description  Low voltage 16-bit constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPC26PTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STP16CPC26PTR Datasheet HTML 12Page - STMicroelectronics STP16CPC26PTR Datasheet HTML 13Page - STMicroelectronics STP16CPC26PTR Datasheet HTML 14Page - STMicroelectronics STP16CPC26PTR Datasheet HTML 15Page - STMicroelectronics STP16CPC26PTR Datasheet HTML 16Page - STMicroelectronics STP16CPC26PTR Datasheet HTML 17Page - STMicroelectronics STP16CPC26PTR Datasheet HTML 18Page - STMicroelectronics STP16CPC26PTR Datasheet HTML 19Page - STMicroelectronics STP16CPC26PTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Current generators characteristics
STP16CPC26
16/26
Doc ID 18469 Rev 4
9.2
Current accuracy
A typical current accuracy of ±1% (±3% maximum) between channels is guaranteed at 22
mA and 55 mA output current (refer to
Table 6) and ± 6% (maximum) current accuracy
between ICs.
9.3
Generators voltage drop
In order to correctly regulate the current, a minimum dropout voltage must be assured
across the current generators.
Figure 17 and Table 9 provides just an indicative idea about the dropout voltage to assure
over the current range. However it is recommended to use value of V
DROP
slightly higher
than those indicated in
Figure 17 and Table 9.
Figure 17.
Dropout voltage vs output current
Table 9.
Dropout voltage vs output current
Output current [mA]
VDROP @ 3.3V [mV]
VDROP @ 5V [mV]
544
44
10
85
85
20
170
170
40
350
330
60
530
500
90
820
770



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com