Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB80N20M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB80N20M5
Description  N-channel 200 V, 0.019 ohm, 61 A, TO-220, D2PAK
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80N20M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STB80N20M5 Datasheet HTML 1Page - STMicroelectronics STB80N20M5 Datasheet HTML 2Page - STMicroelectronics STB80N20M5 Datasheet HTML 3Page - STMicroelectronics STB80N20M5 Datasheet HTML 4Page - STMicroelectronics STB80N20M5 Datasheet HTML 5Page - STMicroelectronics STB80N20M5 Datasheet HTML 6Page - STMicroelectronics STB80N20M5 Datasheet HTML 7Page - STMicroelectronics STB80N20M5 Datasheet HTML 8Page - STMicroelectronics STB80N20M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
July 2010
Doc ID 15734 Rev 2
1/14
14
STB80N20M5
STP80N20M5
N-channel 200 V, 0.019
Ω, 61 A, TO-220, D2PAK
MDmesh™ V Power MOSFET
Features
■ Amongst the best RDS(on) * area
■ High dv/dt capability
■ Excellent switching performance
■ Easy to drive
■ 100% avalanche tested
Application
Switching applications
Description
The devices are N-channel MDmesh™ V Power
MOSFET based on an innovative proprietary
vertical process technology, which is combined
with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Type
VDSS @
TJmax
RDS(on)
max
ID
STB80N20M5
200 V
< 0.023
Ω
61 A
STP80N20M5
61 A
1
2
3
TO-220
D2PAK
1
3
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB80N20M5
80N20M5
D2PAK
Tape and reel
STP80N20M5
80N20M5
TO-220
Tube
www.st.com


Similar Part No. - STB80N20M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB80N20M5 ISC-STB80N20M5 Datasheet
324Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB80N20M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3015L STMICROELECTRONICS-STB3015L Datasheet
59Kb / 6P
N - CHANNEL 30V - 0.013 ohm - 40A - D2PAK/TO-220 STripFETO POWER MOSFET
Jul-1998
logo
ON Semiconductor
NTP60N06 ONSEMI-NTP60N06 Datasheet
85Kb / 10P
60 V, 60 A, N-Channel TO-220 and D2PAK
October, 2004 ??Rev. 3
NTP65N02R ONSEMI-NTP65N02R Datasheet
47Kb / 4P
Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
October, 2002 ??Rev. 0
NTB125N02R ONSEMI-NTB125N02R Datasheet
68Kb / 6P
Power MOSFET 125 A, 24 V N-Channel TO-220, D2PAK
October, 2003 ??Rev. 4
logo
STMicroelectronics
STB20NK50Z STMICROELECTRONICS-STB20NK50Z Datasheet
383Kb / 13P
N-CHANNEL 500V -0.23 OHM - 17A TO-220/D2PAK/I2SPAK/TO-247
May-2004
STB200NF04L STMICROELECTRONICS-STB200NF04L Datasheet
358Kb / 12P
N-CHANNEL 40V - 3 m ohm - 120 A TO-220/D2PAK/I2PAK STripFET II MOSFET
Apr-2005
logo
ON Semiconductor
NTB65N02R ONSEMI-NTB65N02R_05 Datasheet
76Kb / 8P
Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
May, 2005 ??Rev. 6
logo
STMicroelectronics
STB3N62K3 STMICROELECTRONICS-STB3N62K3_09 Datasheet
554Kb / 20P
N-channel 620 V, 2.2 OHM , 2.7 A SuperMESH3 Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
17-Aug-2009
STB7N52K3 STMICROELECTRONICS-STB7N52K3_09 Datasheet
1Mb / 18P
N-channel 525 V, 0.84 OHM, 6.2 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3 Power MOSFET
10-Sep-2009
STB60NF10 STMICROELECTRONICS-STB60NF10_06 Datasheet
370Kb / 15P
N-channel 100V - 0.019Ω - 80A - TO-220 - D2PAK - I2PAK STripFET™II Power MOSFET
18-Sep-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com