Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP190N55LF3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP190N55LF3
Description  N-channel 55 V, 2.9 miliohm, 120 A, TO-220
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP190N55LF3 Datasheet(HTML) 1 Page - STMicroelectronics

  STP190N55LF3 Datasheet HTML 1Page - STMicroelectronics STP190N55LF3 Datasheet HTML 2Page - STMicroelectronics STP190N55LF3 Datasheet HTML 3Page - STMicroelectronics STP190N55LF3 Datasheet HTML 4Page - STMicroelectronics STP190N55LF3 Datasheet HTML 5Page - STMicroelectronics STP190N55LF3 Datasheet HTML 6Page - STMicroelectronics STP190N55LF3 Datasheet HTML 7Page - STMicroelectronics STP190N55LF3 Datasheet HTML 8Page - STMicroelectronics STP190N55LF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2008
Rev 1
1/12
12
STP190N55LF3
N-channel 55 V, 2.9 m
Ω, 120 A, TO-220
STripFET™ Power MOSFET
Features
■ Logic level drive
■ 100% avalanche tested
Application
■ Switching applications
– Automotive
Description
This n-channel enhancement mode Power
MOSFET is the latest refinement of
STMicroelectronics' unique “single feature size”
strip-based process, which has decreased the
critical alignment steps, offering remarkable
manufacturing reproducibility. The outcome is a
transistor with extremely high packing density for
low on resistance, rugged avalanche
characteristics and low gate charge.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
PD
STP190N55LF3
55 V
< 3.7 m
Ω 120 A 312 W
TO-220
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STP190N55LF3
190N55LF3
TO-220
Tube
www.st.com


Similar Part No. - STP190N55LF3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STP190N55LF3 VBSEMI-STP190N55LF3 Datasheet
1Mb / 8P
N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
STP190N55LF3 ISC-STP190N55LF3 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP190N55LF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB180N10F3 STMICROELECTRONICS-STB180N10F3 Datasheet
256Kb / 12P
N-channel 100 V, 4.0 m廓, 120 A STripFET??Power MOSFET D2PAK, TO-220
01-Aug-2008
STB185N10F3 STMICROELECTRONICS-STB185N10F3 Datasheet
255Kb / 12P
N-channel 100 V, 4.0 mΩ, 120 A, D2PAK, TO-220 STripFET™Power MOSFET
01-Aug-2007
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08_08 Datasheet
358Kb / 15P
N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
03-Mar-2008
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
N-channel 55 V, 0.0062 Ω, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
01-Oct-2009
STB85NF55L STMICROELECTRONICS-STB85NF55L_09 Datasheet
937Kb / 14P
N-channel 55 V, 0.0060 Ω, 80 A, TO-220, D2PAK STripFET™II Power MOSFET
06-Aug-2009
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
N-channel 55 V, 0.0065 Ω, 80 A, TO-220, D2PAK, TO-247 STripFET™Power MOSFET
15-Apr-2009
STP110N55F6 STMICROELECTRONICS-STP110N55F6 Datasheet
409Kb / 11P
N-channel 55 V, 4.3 m, 110 A TO-220 STripFET VI DeepGATE Power MOSFET
18-Jul-2011
STP90N55F4 STMICROELECTRONICS-STP90N55F4 Datasheet
526Kb / 13P
N-channel 55 V, 0.0064 , 90 A, TO-220 STripFET DeepGATE Power MOSFET
12-Aug-2011
STP5N105K5 STMICROELECTRONICS-STP5N105K5 Datasheet
639Kb / 14P
N-channel 1050 V, 2.9 Ω typ., 3 A MDmesh™K5 Power MOSFET in a TO-220 package
15-Oct-2014
STP65N045M9 STMICROELECTRONICS-STP65N045M9 Datasheet
228Kb / 12P
N-channel 650 V, 39 mΩ typ., 55 A MDmesh M9 Power MOSFET in a TO-220 package
25-May-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com