Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR1620CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPR1620CT
Description  ULTRA-FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR1620CT Datasheet(HTML) 1 Page - STMicroelectronics

  STPR1620CT Datasheet HTML 1Page - STMicroelectronics STPR1620CT Datasheet HTML 2Page - STMicroelectronics STPR1620CT Datasheet HTML 3Page - STMicroelectronics STPR1620CT Datasheet HTML 4Page - STMicroelectronics STPR1620CT Datasheet HTML 5Page - STMicroelectronics STPR1620CT Datasheet HTML 6Page - STMicroelectronics STPR1620CT Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
STPR1620CG/CT/CR
®
Octobert 2002 - Ed: 3C
ULTRA-FAST RECOVERY RECTIFIER DIODES
D
2PAK
STPR1620CG
s
SUITED FOR SMPS
s
LOW LOSSES
s
LOW FORWARD AND REVERSE RECOVERY
TIME
s
HIGH SURGE CURRENT CAPABILITY
FEATURES
Low cost dual center tap rectifier suited for
Switched
Mode
Power
Supplies
and
high
frequency DC to DC converters.
Packaged in D
2PAK, I2PAK or TO-220AB, this
device is intended for use in low voltage, high
frequency inverters, free wheeling and polarity
protection applications.
DESCRIPTION
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
RMS forward current
20
A
IF(AV)
Average forward current
δ = 0.5
Tc=120°C
Per diode
Per device
8
16
A
IFSM
Surge non repetitive forward current
tp=10ms sinusoidal
80
A
Tstg
Storage temperature range
-65to +
150
°C
Tj
Maximum operating junction temperature
150
°C
ABSOLUTE RATINGS (limiting values, per diode)
K
K
A2
A1
A1
K
A2
IF(AV)
2x8A
VRRM
200 V
Tj (max)
150°C
VF (max)
0.99 V
trr (max)
30 ns
MAIN PRODUCTS CHARACTERISTICS
TO-220AB
STPR1620CT
A1
A2
K
A1
K
A2
I
2PAK
STPR1620CR
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STPR1620CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPR1620CT STMICROELECTRONICS-STPR1620CT Datasheet
75Kb / 6P
ULTRA-FAST RECOVERY RECTIFIER DIODES
Jul-1999
logo
Lite-On Technology Corp...
STPR1620CT LITEON-STPR1620CT Datasheet
38Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Sirectifier Semiconduct...
STPR1620CT SIRECTIFIER-STPR1620CT Datasheet
97Kb / 2P
Ultra Fast Recovery Diodes
logo
STMicroelectronics
STPR1620CT STMICROELECTRONICS-STPR1620CT Datasheet
624Kb / 7P
ULTRA-FAST RECOVERY RECTIFIER DIODES
Oct-2002
More results

Similar Description - STPR1620CT

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com