Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4680ISOSQTP Datasheet(PDF) 326 Page - Microchip Technology

Part # PIC18F4680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4680ISOSQTP Datasheet(HTML) 326 Page - Microchip Technology

Back Button PIC18F4680ISOSQTP Datasheet HTML 322Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 323Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 324Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 325Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 326Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 327Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 328Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 329Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 330Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 324
Preliminary
© 2007 Microchip Technology Inc.
23.3
CAN Modes of Operation
The PIC18F2585/2680/4585/4680 has six main modes
of operation:
• Configuration mode
• Disable mode
• Normal Operation mode
• Listen Only mode
• Loopback mode
• Error Recognition mode
All modes, except Error Recognition, are requested by
setting the REQOP bits (CANCON<7:5>). Error Recog-
nition mode is requested through the RXM bits of the
Receive Buffer register(s). Entry into a mode is
Acknowledged by monitoring the OPMODE bits.
When changing modes, the mode will not actually
change until all pending message transmissions are
complete. Because of this, the user must verify that the
device has actually changed into the requested mode
before further operations are executed.
23.3.1
CONFIGURATION MODE
The CAN module has to be initialized before the
activation. This is only possible if the module is in the
Configuration mode. The Configuration mode is
requested by setting the REQOP2 bit. Only when the
status bit, OPMODE2, has a high level can the initial-
ization be performed. Afterwards, the configuration
registers, the acceptance mask registers and the
acceptance filter registers can be written. The module
is activated by setting the REQOP control bits to zero.
The module will protect the user from accidentally
violating the CAN protocol through programming
errors. All registers which control the configuration of
the module can not be modified while the module is on-
line. The CAN module will not be allowed to enter the
Configuration mode while a transmission or reception
is taking place. The Configuration mode serves as a
lock to protect the following registers:
• Configuration Registers
• Functional Mode Selection Registers
• Bit Timing Registers
• Identifier Acceptance Filter Registers
• Identifier Acceptance Mask Registers
• Filter and Mask Control Registers
• Mask Selection Registers
In the Configuration mode, the module will not transmit
or receive. The error counters are cleared and the
interrupt flags remain unchanged. The programmer will
have access to Configuration registers that are access
restricted in other modes.
23.3.2
DISABLE MODE
In Disable mode, the module will not transmit or
receive. The module has the ability to set the WAKIF bit
due to bus activity; however, any pending interrupts will
remain and the error counters will retain their value.
If the REQOP<2:0> bits are set to ‘001’, the module will
enter the module Disable mode. This mode is similar to
disabling other peripheral modules by turning off the
module enables. This causes the module internal clock
to stop unless the module is active (i.e., receiving or
transmitting a message). If the module is active, the
module will wait for 11 recessive bits on the CAN bus,
detect that condition as an Idle bus, then accept the
module disable command. OPMODE<2:0> = 001
indicates whether the module successfully went into the
module Disable mode.
The WAKIF interrupt is the only module interrupt that is
still active in the Disable mode. If the WAKDIS is
cleared and WAKIE is set, the processor will receive an
interrupt whenever the module detects recessive to
dominant transition. On wake-up, the module will auto-
matically be set to the previous mode of operation. For
example, if the module was switched from Normal to
Disable mode on bus activity wake-up, the module will
automatically enter into Normal mode and the first mes-
sage that caused the module to wake-up is lost. The
module will not generate any error frame. Firmware
logic must detect this condition and make sure that
retransmission is requested. If the processor receives
a wake-up interrupt while it is sleeping, more than one
message may get lost. The actual number of messages
lost would depend on the processor oscillator start-up
time and incoming message bit rate.
The I/O pins will revert to normal I/O function when the
module is in the Disable mode.
23.3.3
NORMAL MODE
This
is
the
standard
operating
mode
of
the
PIC18F2585/2680/4585/4680 devices. In this mode,
the device actively monitors all bus messages and gen-
erates Acknowledge bits, error frames, etc. This is also
the only mode in which the PIC18F2585/2680/4585/
4680 devices will transmit messages over the CAN
bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com