Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4680ISOSQTP Datasheet(PDF) 328 Page - Microchip Technology

Part # PIC18F4680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4680ISOSQTP Datasheet(HTML) 328 Page - Microchip Technology

Back Button PIC18F4680ISOSQTP Datasheet HTML 324Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 325Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 326Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 327Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 328Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 329Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 330Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 331Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 332Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 326
Preliminary
© 2007 Microchip Technology Inc.
23.4.3
MODE 2 – ENHANCED FIFO MODE
In Mode 2, two or more receive buffers are used to form
the receive FIFO (first in, first out) buffer. There is no
one-to-one relationship between the receive buffer and
acceptance filter registers. Any filter that is enabled and
linked to any FIFO receive buffer can generate
acceptance and cause FIFO to be updated.
FIFO length is user programmable, from 2-8 buffers
deep. FIFO length is determined by the very first
programmable buffer that is configured as a transmit
buffer. For example, if Buffer 2 (B2) is programmed as
a transmit buffer, FIFO consists of RXB0, RXB1, B0
and B1 – creating a FIFO length of 4. If all program-
mable buffers are configured as receive buffers, FIFO
will have the maximum length of 8.
The following is the list of resources available in Mode 2:
• Three transmit buffers: TXB0, TXB1 and TXB2
• Two receive buffers: RXB0 and RXB1
• Six buffers programmable as TX or RX; receive
buffers form FIFO: B0-B5
• Automatic RTR handling on B0-B5
• Sixteen acceptance filters: RXF0-RXF15
• Two dedicated acceptance mask registers;
RXF15 programmable as third mask:
RXM0-RXM1, RXF15
• Programmable data filter on standard identifier
messages: SDFLC, useful for DeviceNet protocol
23.5
CAN Message Buffers
23.5.1
DEDICATED TRANSMIT BUFFERS
The PIC18F2585/2680/4585/4680 devices implement
three dedicated transmit buffers – TXB0, TXB1 and
TXB2. Each of these buffers occupies 14 bytes of
SRAM and are mapped into the SFR memory map.
These are the only transmit buffers available in
Mode 0. Mode 1 and 2 may access these and other
additional buffers.
Each transmit buffer contains one control register
(TXBnCON), four identifier registers (TXBnSIDL,
TXBnSIDH, TXBnEIDL, TXBnEIDH), one data length
count register (TXBnDLC) and eight data byte registers
(TXBnDm).
23.5.2
DEDICATED RECEIVE BUFFERS
The PIC18F2585/2680/4585/4680 devices implement
two dedicated receive buffers – RXB0 and RXB1. Each
of these buffers occupies 14 bytes of SRAM and are
mapped into SFR memory map. These are the only
receive buffers available in Mode 0. Mode 1 and 2 may
access these and other additional buffers.
Each receive buffer contains one control register
(RXBnCON), four identifier registers (RXBnSIDL,
RXBnSIDH, RXBnEIDL, RXBnEIDH), one data length
count register (RXBnDLC) and eight data byte registers
(RXBnDm).
There is also a separate Message Assembly Buffer
(MAB) which acts as an additional receive buffer. MAB
is always committed to receiving the next message
from the bus and is not directly accessible to user firm-
ware. The MAB assembles all incoming messages one
by one. A message is transferred to appropriate
receive buffers only if the corresponding acceptance
filter criteria is met.
23.5.3
PROGRAMMABLE TRANSMIT/
RECEIVE BUFFERS
The ECAN module implements six new buffers: B0-B5.
These buffers are individually programmable as either
transmit or receive buffers. These buffers are available
only in Mode 1 and 2. As with dedicated transmit and
receive buffers, each of these programmable buffers
occupies 14 bytes of SRAM and are mapped into SFR
memory map.
Each buffer contains one control register (BnCON),
four identifier registers (BnSIDL, BnSIDH, BnEIDL,
BnEIDH), one data length count register (BnDLC) and
eight data byte registers (BnDm). Each of these regis-
ters contains two sets of control bits. Depending on
whether the buffer is configured as transmit or receive,
one would use the corresponding control bit set. By
default, all buffers are configured as receive buffers.
Each buffer can be individually configured as a transmit
or receive buffer by setting the corresponding TXENn
bit in the BSEL0 register.
When configured as transmit buffers, user firmware
may access transmit buffers in any order similar to
accessing dedicated transmit buffers. In receive config-
uration with Mode 1 enabled, user firmware may also
access receive buffers in any order required. But in
Mode 2, all receive buffers are combined to form a sin-
gle FIFO. Actual FIFO length is programmable by user
firmware. Access to FIFO must be done through the
FIFO Pointer bits (FP<4:0>) in the CANCON register. It
must be noted that there is no hardware protection
against out of order FIFO reads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com