Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4680ISOSQTP Datasheet(PDF) 335 Page - Microchip Technology

Part # PIC18F4680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4680ISOSQTP Datasheet(HTML) 335 Page - Microchip Technology

Back Button PIC18F4680ISOSQTP Datasheet HTML 331Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 332Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 333Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 334Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 335Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 336Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 337Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 338Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 339Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 333
PIC18F2585/2680/4585/4680
23.9.1
EXTERNAL CLOCK, INTERNAL
CLOCK AND MEASURABLE JITTER
IN HS-PLL BASED OSCILLATORS
The microcontroller clock frequency generated from a
PLL circuit is subject to a jitter, also defined as Phase
Jitter or Phase Skew. For its PIC18 Enhanced micro-
controllers, Microchip specifies phase jitter (Pjitter) as
being 2% (Gaussian distribution, within 3 standard
deviations, see parameter F13 in Table 27-7) and Total
Jitter (Tjitter) as being 2 * Pjitter.
The CAN protocol uses a bit-stuffing technique that
inserts a bit of a given polarity following five bits with the
opposite polarity. This gives a total of 10 bits transmit-
ted without re-synchronization (compensation for jitter
or phase error).
Given the random nature of the jitter error added, it can
be shown that the total error caused by the jitter tends
to cancel itself over time. For a period of 10 bits, it is
necessary to add only two jitter intervals to correct for
jitter-induced error: one interval in the beginning of the
10-bit period and another at the end. The overall effect
is shown in Figure 23-5.
FIGURE 23-5:
EFFECTS OF PHASE JITTER ON THE MICROCONTROLLER CLOCK
AND CAN BIT TIME
Once these considerations are taken into account, it is
possible to show that the relation between the jitter and
the total frequency error can be defined as:
where jitter is expressed in terms of time and NBT is the
Nominal Bit Time.
For example, assume a CAN bit rate of 125 Kb/s, which
gives an NBT of 8
μs. For a 16 MHz clock generated
from a 4x PLL, the jitter at this clock frequency is:
and resultant frequency error is:
Nominal Clock
Clock with Jitter
CAN bit Time
Phase Skew (Jitter)
CAN bit Jitter
with Jitter
Δf
T
jitter
10
NBT
×
------------------------
2
P
jitter
×
10
NBT
×
------------------------
=
=
2%
1
16 MHz
-------------------
×
0.02
16
6
×10
-----------------
1.25ns
==
21.25
9
–
×10
()
×
10
8
6
–
×10
()
×
---------------------------------------
3.125
5
–
×10
0.0031%
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com