Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4680ISOSQTP Datasheet(PDF) 336 Page - Microchip Technology

Part # PIC18F4680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4680ISOSQTP Datasheet(HTML) 336 Page - Microchip Technology

Back Button PIC18F4680ISOSQTP Datasheet HTML 332Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 333Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 334Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 335Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 336Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 337Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 338Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 339Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 340Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 334
Preliminary
© 2007 Microchip Technology Inc.
Table 23-3 shows the relation between the clock
generated by the PLL and the frequency error from jitter
(measured jitter-induced error of 2%, Gaussian distribu-
tion, within 3 standard deviations), as a percentage of
the nominal clock frequency.
This is clearly smaller than the expected drift of a crystal
oscillator, typically specified at 100 ppm or 0.01%. If we
add jitter to oscillator drift, we have a total frequency drift
of 0.0132%. The total oscillator frequency errors for
common clock frequencies and bit rates, including both
drift and jitter, are shown in Table 23-4.
TABLE 23-3:
FREQUENCY ERROR FROM JITTER AT VARIOUS PLL GENERATED CLOCK SPEEDS
TABLE 23-4:
TOTAL FREQUENCY ERROR AT VARIOUS PLL GENERATED CLOCK SPEEDS
(100 PPM OSCILLATOR DRIFT, INCLUDING ERROR FROM JITTER)
PLL
Output
Pjitter
Tjitter
Frequency Error at Various Nominal Bit Times (Bit Rates)
8
μs
(125 Kb/s)
4
μs
(250 Kb/s)
2
μs
(500 Kb/s)
1
μs
(1 Mb/s)
40 MHz
0.5 ns
1 ns
0.00125%
0.00250%
0.005%
0.01%
24 MHz
0.83 ns
1.67 ns
0.00209%
0.00418%
0.008%
0.017%
16 MHz
1.25 ns
2.5 ns
0.00313%
0.00625%
0.013%
0.025%
Nominal PLL Output
Frequency Error at Various Nominal Bit Times (Bit Rates)
8
μs
(125 Kb/s)
4
μs
(250 Kb/s)
2
μs
(500 Kb/s)
1
μs
(1 Mb/s)
40 MHz
0.01125%
0.01250%
0.015%
0.02%
24 MHz
0.01209%
0.01418%
0.018%
0.027%
16 MHz
0.01313%
0.01625%
0.023%
0.035%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com