Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2L40AF Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS2L40AF
Description  Low drop power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L40AF Datasheet(HTML) 2 Page - STMicroelectronics

  STPS2L40AF Datasheet HTML 1Page - STMicroelectronics STPS2L40AF Datasheet HTML 2Page - STMicroelectronics STPS2L40AF Datasheet HTML 3Page - STMicroelectronics STPS2L40AF Datasheet HTML 4Page - STMicroelectronics STPS2L40AF Datasheet HTML 5Page - STMicroelectronics STPS2L40AF Datasheet HTML 6Page - STMicroelectronics STPS2L40AF Datasheet HTML 7Page - STMicroelectronics STPS2L40AF Datasheet HTML 8Page - STMicroelectronics STPS2L40AF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STPS2L40
2/10
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.22 x IF(AV) + 0.06 IF
2
(RMS)
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
40
V
IF(AV)
Average forward current
SMB
TL = 130 °C δ = 0.5
2A
SMBflat
TL = 140 °C δ = 0.5
SMAflat
TL = 130 °C δ = 0.5
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
75
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
2200
W
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Operating junction temperature (1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
150
°C
Table 3.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth (j-l) Junction to lead
SMB
20
°C/W
SMBflat
10
SMAflat
20
Table 4.
Static electrical characteristics
Symbol
Tests conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 380 µs, δ < 2
Reverse leakage current
Tj = 25 °C
VR = 40 V
220
µA
Tj = 100 °C
20
mA
Tj = 125 °C
38
80
mA
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 1 A
0.39
V
Tj = 125 °C
0.25
0.28
Tj = 25 °C
IF = 2 A
0.43
Tj = 125 °C
0.31
0.34
Tj = 25 °C
IF = 4 A
0.5
V
Tj = 125 °C
0.39
0.45
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com