Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20M100SFP Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS20M100SFP
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20M100SFP Datasheet(HTML) 2 Page - STMicroelectronics

  STPS20M100SFP Datasheet HTML 1Page - STMicroelectronics STPS20M100SFP Datasheet HTML 2Page - STMicroelectronics STPS20M100SFP Datasheet HTML 3Page - STMicroelectronics STPS20M100SFP Datasheet HTML 4Page - STMicroelectronics STPS20M100SFP Datasheet HTML 5Page - STMicroelectronics STPS20M100SFP Datasheet HTML 6Page - STMicroelectronics STPS20M100SFP Datasheet HTML 7Page - STMicroelectronics STPS20M100SFP Datasheet HTML 8Page - STMicroelectronics STPS20M100SFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
STPS20M100S
2/11
Doc ID 15521 Rev 2
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.425 x IF(AV) + 0.0088 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values with terminals 1 and 3 short circuited)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
Forward current rms
30
A
IF(AV)
Average forward current
δ = 0.5
TO-220AB, D2PAK, I2PAK, Tc = 130 °C
20
A
TO-220FPAB, Tc = 85 °C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal,
terminals 1 and 3 short circuited
530
A
PARM
(1)
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
16000
W
VARM
(2)
Maximum repetitive peak avalanche
voltage
tp < 1 µs Tj < 150 °C
IAR < 40 A
120
V
VASM
(2)
Maximum single pulse peak
avalanche voltage
tp < 1 µs Tj < 150 °C
IAR < 40 A
120
V
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature (3)
150
°C
1.
For temperature or pulse time duration deratings, refer to Figure 4. and Figure 5.. More details regarding the avalanche
energy measurements and diode validation in the avalanche are provided in the application notes AN1768 and AN2025.
2.
Refer to Figure 14
3.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
()
--------------------------
<
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB, D2PAK, I2PAK
1.2
°C/W
TO-220FPAB
4
Table 4.
Static electrical characteristics (terminals 1 and 3 short circuited)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = 70 V
5µA
Tj = 125 °C
5
mA
Tj = 25 °C
VR = 100 V
10
40
µA
Tj = 125 °C
10
40
mA
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 5 A
550
mV
Tj = 125 °C
455
Tj = 25 °C
IF = 10A
660
730
Tj = 125 °C
530
600
Tj = 25 °C
IF = 20 A
775
850
Tj = 125 °C
610
690
1.
Pulse test: tp = 5 ms, δ < 2%
2.
Pulse test: tp = 380 µs, δ < 2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com