Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU2N62K3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STU2N62K3
Description  N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU2N62K3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STU2N62K3 Datasheet HTML 9Page - STMicroelectronics STU2N62K3 Datasheet HTML 10Page - STMicroelectronics STU2N62K3 Datasheet HTML 11Page - STMicroelectronics STU2N62K3 Datasheet HTML 12Page - STMicroelectronics STU2N62K3 Datasheet HTML 13Page - STMicroelectronics STU2N62K3 Datasheet HTML 14Page - STMicroelectronics STU2N62K3 Datasheet HTML 15Page - STMicroelectronics STU2N62K3 Datasheet HTML 16Page - STMicroelectronics STU2N62K3 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
STB/D/F/P/U2N62K3
Package mechanical data
Doc ID 018898 Rev 2
13/25
Table 10.
DPAK (TO-252) mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
5.10
E6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H
9.35
10.10
L1
1.50
L1
2.80
L2
0.80
L4
0.60
1
R0.20
V2
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com