Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR1030 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SDR1030
Description  SMD Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDR1030 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SDR1030_11 Datasheet HTML 1Page - Bourns Electronic Solutions SDR1030_11 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SDR1030 Series - SMD Power Inductors
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Inductance 100 kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Typ.
Frequency
Min.
Max.
Max.
Typ.
(MHz)
(MHz)
(Ω)
(A)
(A)
SDR1030-2R7M
2.7
± 20
13
7.96
73.6
0.028
3.00
4.20
SDR1030-4R7M
4.7
± 20
13
7.96
49.5
0.040
2.60
3.50
SDR1030-6R8M
6.8
± 20
15
7.96
38.1
0.052
2.20
2.80
SDR1030-100M
10.0
± 20
15
2.52
33.1
0.064
2.00
2.40
SDR1030-150M
15.0
± 20
18
2.52
25.7
0.100
1.65
1.85
SDR1030-220M
22.0
± 20
20
2.52
22.3
0.145
1.38
1.60
SDR1030-330M
33.0
± 20
16
2.52
16.4
0.220
1.10
1.25
SDR1030-470M
47.0
± 20
10
2.52
14.2
0.270
0.96
1.10
SDR1030-680M
68.0
± 20
12
2.52
12.2
0.360
0.82
0.90
SDR1030-101K
100.0
± 10
14
0.796
9.3
0.540
0.70
0.75
SDR1030-151K
150.0
± 10
23
0.796
7.9
0.700
0.60
0.58
SDR1030-221K
220.0
± 10
23
0.796
6.2
1.150
0.46
0.48
SDR1030-331K
330.0
± 10
25
0.796
5.1
1.700
0.38
0.40
SDR1030-471K
470.0
± 10
20
0.796
3.8
2.250
0.28
0.32
SDR1030-681K
680.0
± 10
18
0.796
3.2
3.300
0.23
0.27
SDR1030-102K
1000.0
± 10
42
0.252
2.5
4.700
0.20
0.23
Features
Available in E6 values
Current rating to 3.0 amps
3.0 mm height
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
330
10.0 ± 0.3
(.394 ± .012)
10.0 ± 0.3
(.394 ± .012)
2.4
(.094)
TYP.
3.0 ± 0.3
(.118 ± .012)
2.0
(.079)
TYP.
6.0
(.236)
TYP.
General Specifications
Test Voltage.....................................0.1 V
Reflow Soldering ...230 °C, 50 sec. max.
Operating Temperature ..-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
................................260 °C for 10 sec.
Materials
Core .......................................Ferrite DR
Wire ............Enamelled copper wire 130
Terminal .........................................Cu/Sn
Rated Current
...................Ind. drop 10 % typ. at Isat
Temperature Rise ..................30 °C max.
at rated Irms
Packaging ..................1000 pcs. per reel
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
2.8
(.110)
REF.
10.4
(.409)
2.4
(.094)
REF.
2.4
(.094)
REF.
5.6
(.220)
REF.
REF.
100


Similar Part No. - SDR1030_11

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1030-100M BOURNS-SDR1030-100M Datasheet
231Kb / 2P
SMD Power Inductors
SDR1030-101K BOURNS-SDR1030-101K Datasheet
231Kb / 2P
SMD Power Inductors
SDR1030-102K BOURNS-SDR1030-102K Datasheet
231Kb / 2P
SMD Power Inductors
SDR1030-150M BOURNS-SDR1030-150M Datasheet
231Kb / 2P
SMD Power Inductors
SDR1030-151K BOURNS-SDR1030-151K Datasheet
231Kb / 2P
SMD Power Inductors
More results

Similar Description - SDR1030_11

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com