Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP50 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TIP50
Description  SILICON NPN SWITCHING TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP50 Datasheet(HTML) 2 Page - STMicroelectronics

  TIP50 Datasheet HTML 1Page - STMicroelectronics TIP50 Datasheet HTML 2Page - STMicroelectronics TIP50 Datasheet HTML 3Page - STMicroelectronics TIP50 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
3.125
62.5
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
for TIP47
VCE = 350 V
for TIP48
VCE = 400 V
for TIP49
VCE = 450 V
for TIP50
VCE = 500 V
1
1
1
1
mA
mA
mA
mA
ICEO
Collector Cut-off
Current (IB = 0)
for TIP47
VCE = 150 V
for TIP48
VCE = 200 V
for TIP49
VCE = 250 V
for TIP50
VCE = 300 V
1
1
1
1
mA
mA
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
VCEO(sus)* Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 30 mA
for TIP47
for TIP48
for TIP49
for TIP50
250
300
350
400
V
V
V
V
VCE(sat)*
Collector-Emitter
Saturation Voltage
IC = 1 A
IB = 0.2 A
1
V
VBE(on)*
Base-Emitter Voltage
IC = 1 A
VCE = 10 V
1.5
V
hFE*
DC Current Gain
IC = 0.3 A
VCE = 10 V
IC = 1 A
VCE = 10 V
30
10
150
fT
Transition Frequency
VCE = 10 V
IC = 0.2 A
f = 2 MHz
10
MHz
hfe
Small Signal Current
Gain
VCE = 10 V
IC = 0.2 A
f = 1 KHz
25
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2 %
TIP47 / TIP48 / TIP49 / TIP50
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com