Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR1045-680M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SDR1045-680M
Description  SMD Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDR1045-680M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SDR1045-680M Datasheet HTML 1Page - Bourns Electronic Solutions SDR1045-680M Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SDR1045 Series - SMD Power Inductors
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Inductance 100 kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Typ.
Frequency
Min.
Max.
Max.
Typ.
(MHz)
(MHz)
(Ω)
(A)
(A)
SDR1045-2R7M
2.7
± 20
25
7.96
68.7
0.026
4.80
6.20
SDR1045-4R5M
4.5
± 20
25
7.96
44.2
0.033
4.20
5.20
SDR1045-6R8M
6.8
± 20
22
7.96
35.8
0.040
3.50
4.20
SDR1045-100M
10.0
± 20
26
2.52
27.8
0.064
3.20
3.60
SDR1045-150M
15.0
± 20
26
2.52
23.7
0.100
2.50
3.00
SDR1045-220M
22.0
± 20
22
2.52
19.4
0.145
2.20
2.60
SDR1045-330M
33.0
± 20
20
2.52
15.8
0.220
1.90
2.10
SDR1045-470M
47.0
± 20
21
2.52
13.6
0.270
1.60
1.85
SDR1045-680M
68.0
± 20
21
2.52
11.1
0.360
1.30
1.50
SDR1045-101K
100.0
± 10
14
0.796
9.7
0.540
1.10
1.30
SDR1045-151K
150.0
± 10
16
0.796
7.1
0.700
0.85
1.05
SDR1045-221K
220.0
± 10
15
0.796
6.4
1.150
0.72
0.85
SDR1045-331K
330.0
± 10
12
0.796
4.6
1.700
0.62
0.70
SDR1045-471K
470.0
± 10
12
0.796
4.2
2.250
0.52
0.58
SDR1045-681K
680.0
± 10
13
0.796
3.6
3.300
0.43
0.46
SDR1045-102K
1000.0
± 10
25
0.252
2.9
4.700
0.38
0.40
Features
■ Available in E6 values
■ Current rating to 4.8 amps
■ Mounting height 4.8 mm maximum
■ RoHS compliant*
Applications
■ Input/output of DC/DC converters
■ Power supplies for:
•
Portable communication equipment
•
Camcorders
•
LCD TVs
•
Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
330
10.0 ± 0.3
(.394 ± .012)
10.0 ± 0.3
(.394 ± .012)
2.4
(.094)
TYP.
4.5 ± 0.3
(.177 ± .012)
2.0
(.079)
TYP.
6.0
(.236)
TYP.
General Specifications
Test Voltage.....................................0.1 V
Reflow Soldering ...230 °C, 50 sec. max.
Operating Temperature
.....................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
................................260 °C for 10 sec.
Materials
Core .......................................Ferrite DR
Wire ............Enamelled copper wire 130
Terminal .........................................Cu/Sn
Rated Current
...................Ind. drop 10 % typ. at Isat
Temperature Rise ..................40 °C max.
at rated Irms
Packaging ....................700 pcs. per reel
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
2.8
(.110)
REF.
10.4
(.409)
2.4
(.094)
REF.
2.4
(.094)
REF.
5.6
(.220)
REF.
REF.
100


Similar Part No. - SDR1045-680M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1045-680M BOURNS-SDR1045-680M Datasheet
269Kb / 2P
SMD Power Inductors
More results

Similar Description - SDR1045-680M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com