Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATCA-R6905 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATCA-R6905
Description  Dual AMC.0 Mid-size bays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATCA-R6905 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATCA-R6905 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATCA-R6905 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.adlinktech.com/AdvancedTCA/
Specifications
CPU / Chipset / Memory
CPU
Two Quad-Core Intel® Xeon® L5408 2.13 GHz,
FSB 1066 MHz, 12 MB L2 Cache (FC-LGA6)
Two Dual-Core Intel® Xeon® 5138 2.13 GHz, FSB 1066 MHz,
4MB L2 Cache (FC-LGA6)
Chipset
Intel® 5100/ICH9R Chipset
Memory
Four DDR2-667 240-pin RDIMM sockets, up to 32 GB
BIOS
Chip
AMIBIOS®8 on SPI flash memory
Features
Intel® PXE pre-boot
Remote Console
I/O Interfaces
Graphics
ATI ES1000 with 64 MB VRAM, up to UXGA 1600 x 1200
resolution
AdvancedMC
AMC1: AMC.0 Mid-size, AMC.1 Type4, AMC.2 E2/Type3,
AMC.3 S2
AMC2: AMC.0 Mid-size, AMC.1 Type1, AMC.2 E2/Type3,
AMC.3 S2
Ethernet
Dual 10/100/1000BASE-T Base Interface channels
Dual 10GBASE-KX4/1000BASE-BX Fabric Interface channels
Dual 10/1001000BASE-T Egress ports
Optional on-board 24-port Gigabit Ethernet Switch-on-Chip
Storage
Dual AMC.3 SATA 3 Gb/s ports (Port2)
Dual AMC.3 SAS ports (Port3)
On-board bootable 4 GB USB flash memory
USB
Three USB 2.0 ports
Front Panel I/O
AMC1/2, VGA, USB1/2/3, LAN1/2, COM1
PICMG Standard
AdvancedTCA
PICMG® 3.0 R2.0 ECN001
PICMG® 3.1 Ethernet Over PICMG 3.0 R1.0 , Option1/9
AdvancedMC
PICMG® AMC.0: Advanced Mezzanine Card Specification
R2.0
PICMG® AMC.1: PCI Express and Advanced Switching R1.0
PICMG® AMC.2: Gigabit Ethernet R1.0
PICMG® AMC.3: Storage Interfaces R1.0
Other Features
Operating System
Windows® XP Professional, Windows® Server 2003,
Fedora™ 8 and 9, Red Hat Enterprise Linux® 5.2
Mechanical and Environmental
Form Factor
PICMG® 3.0 R2.0 ECN001 AdvancedTCA®
Dimensions
322.25mm x 280mm x 6HP (L x W x H)
Weight
2.8 kg / 6 lbs
Operating Temp.
0˚C to 50˚C
Storage Temp.
-20˚C to 80˚C
Humidity
5% to 95%, non-condensing
Shock
15G peak-to-peak, 11ms duration, non-operation
Vibration
Non-operation: 1.88Grms, 5-500Hz each axis
Operation: 0.5Grms, 5-500Hz each axis
Power Consumption
168W (Dual Quad-Core Intel® Xeon® L5408 with 100% CPU
Usage)
Certifications
FCC, CE, CUL, NEBS Level 3 (design)
Dual Quad-Core LV Xeon® 10 Gigabit Ethernet
AdvancedTCA® Processor Blade
aTCA-6900
Features
Two Quad-Core or Dual-Core Intel® LV Xeon®
processors
Intel® EM64T 64-bit Extended Memory
Technology
DDR2-667 REG/ECC memory up to 32 GB
maximum capacity
Intel® 5100/ICH9R chipset
Dual AMC.0 Mid-size bays
Dual 10GBASE-KX4/1000BASE-BX Fabric
interface channels
RAID 0/1/10 SATA/SAS ports
Optional on-board 24-port Gigabit Ethernet
Switch-on-Chip
Ordering Information
Model Number
Description/Configuration
aTCA-6900/D5138
Two LV-5138 Dual-Core 2.13GHz Xeon® 10GbE
processor blade
aTCA-6900/D5408
Two L5408 Quad-Core 2.13GHz Xeon® 10GbE
processor blade
aTCA-6900S/D5138
Two LV-5138 Dual-Core 2.13GHz Xeon® 10GbE
processor blade w/ switch
aTCA-6900S/D5408
Two L5408 Quad-Core 2.13GHz Xeon® 10GbE
processor blade w/ switch
AMC-7000/SATA250G
Mid-size SATA 1.5 Gb/s 250GB AMC HDD module
aTCA-R6905
Rear Transition Module with SFP GbE x2, USB x2,
SAS/SATA HDD bay x2, COM x1


Similar Part No. - ATCA-R6905

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATCA-R6155 ETC2-ATCA-R6155 Datasheet
643Kb / 2P
Single AMC.0 Mid-size bay
ATCA-R6270 ETC2-ATCA-R6270 Datasheet
647Kb / 2P
Dual 10GBASE-KX4 Fabric Interface channels
ATCA-R6270 ETC2-ATCA-R6270 Datasheet
746Kb / 2P
Dual 10GBASE-KX4 Fabric Interface channels
ATCA-R6270 ETC2-ATCA-R6270 Datasheet
272Kb / 1P
Single AMC.0 Mid-size bays
More results

Similar Description - ATCA-R6905

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75800-0001 MOLEX-75800-0001 Datasheet
186Kb / 2P
0.75mm (.030?? Pitch AMC.0 B 170-Circuit Connectors
logo
Winchester Electronics ...
SD7790-2 WINCHESTER-SD7790-2 Datasheet
99Kb / 1P
HIGH DEFINITION, DUAL VIDEO JACK, MID-SIZE
SD7790-3 WINCHESTER-SD7790-3 Datasheet
100Kb / 1P
HIGH DEF, NON-TERMINATED DUAL VIDEO JACK, MID-SIZE
SD7790-4 WINCHESTER-SD7790-4 Datasheet
90Kb / 1P
HIGH DEFINTION, PATCH-THRU DUAL VIDEO JACK, MID-SIZE
logo
List of Unclassifed Man...
AMC-7000 ETC2-AMC-7000 Datasheet
211Kb / 1P
AMC.0 Single-width, Mid-size
AMC-8100 ETC2-AMC-8100 Datasheet
304Kb / 2P
AMC.0 Single-width, Mid-size
ATCA-3420 ETC2-ATCA-3420 Datasheet
572Kb / 2P
Dual AMC bays
ATCA-6105 ETC2-ATCA-6105 Datasheet
643Kb / 2P
Single AMC.0 Mid-size bay
ATCA-9300 ETC2-ATCA-9300 Datasheet
272Kb / 1P
Single AMC.0 Mid-size bays
logo
Winchester Electronics ...
7410-16 WINCHESTER-7410-16 Datasheet
47Kb / 1P
MID SIZE PATECH PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com