Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARA2001S23 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # ARA2001S23
Description  CATV Reverse Amplifier with step Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2001S23 Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button ARA2001S23 Datasheet HTML 5Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 6Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 7Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 8Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 9Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 10Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 11Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 12Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 13Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ARA2000 & 2001
Balanced Reverse Amp Test Fixture with 3 Wire Interface
gnd
1
Vattn
2
3
Attn In +
4
Out A1 +
gnd
Attn Out +
In A2 +
28
27
26
25
In A1 +
5
Vg1
6
7
SB1
8
In A1 -
Out A2 +
Vg2
SB2
Out A2 -
24
23
22
21
Data
13
nc
16
Enable
14
nc
15
Out A1 -
9
Attn In -
10
11
Vdd CMOS
12
Clock
In A2 -
Attn Out -
Gnd CMOS
nc
20
19
18
17
+5V (Vdd1 & Vattn)
+5V (Vdd2)
+5V (Vdd1)
Control A1
0 / +3 V
R
2:1
1:2
RF Input (75 ohm)
Control A2
0 / +3 V
10uH
10uH
1200
ohms
1200
ohms
3.9 ohms
1000pF
1000pF
1000pF
1000pF
1uF
0.1uF
1uF
0.1uF
470pF
1K ohm
470pF
1K ohm
470pF
470pF
1500pF
Toko Balun
P/N 616PT-1030
Note:
Tx Enable = Control
Tx Disable = Control 1
Toko Balun
P/N 616PT-1030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com