Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATCA-R6270 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATCA-R6270
Description  Single AMC.0 Mid-size bays
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATCA-R6270 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATCA-R6270 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.adlinktech.com/AdvancedTCA/
1
1-5
aTCA-9300
Specifications
CPU / Chipset / Memory
CPU
Single Quad-Core Intel® Xeon® E3-1275V2 3.5GHZ,8 MB, L2
Cache
Single Quad-Core Intel® Xeon® E3-1275V2 3.2GHZ,8MB, L2
cache
Single Dual-Core Core™ i3 3.3GHz,3MB L3 cache
Chipset
Intel® C216 Chipset
Memory
Four DDR3-1600 240 PIN VLP UDIMM sockets, up to 32 GB
BIOS
Chip
AMIBIOS®8 on SPI flash memory
Features
Intel® PXE pre-boot
I/O Interfaces
Graphics
Intel® Integrated HD Graphics with DirectX 11 support, up to
UXGA 1920 x 1400 resolution
AdvancedMC
AMC: AMC.0 Mid-size, AMC.1 Type4, AMC.2 E2/Type 3,
AMC.3 S2
Ethernet
Dual Base Interface channels
Dual 10GBASE-KX4/1000BASE-BX Fabric Interface channels
Six 10/1001000BASE-T Egress ports
Storage
AMC.3 SATA 3 Gb/s ports
On board bootable CFast socket
USB
Two USB 2.0 ports
Front Panel I/O
PICMG Standard
AdvancedTCA
PICMG® 3.0 R3.0
PICMG® 3.1 Ethernet Over PICMG 3.0 R1.0 , Option1/9
AdvancedMC
PICMG® AMC.0: Advanced Mezzanine Card Specification
R2.0
PICMG® AMC.1: PCI Express and Advanced Switching R1.0
PICMG® AMC.3: Storage Interfaces R1.0
Other Features
Operating System
Windows® XP Professional, Windows® Server 2008,
Red Hat Enterprise Linux® 6
Mechanical and Environmental
Form Factor
PICMG® 3.0 R2.0 ECN001 AdvancedTCA®
Dimensions
322.25mm x 280mm x 6HP (L x W x H)
Weight
TBD
Operating Temp.
0˚C to 50˚C
Storage Temp.
-20˚C to 80˚C
Humidity
5% to 95%, non-condensing
Shock
15G peak-to-peak, 11ms duration, non-operation
Vibration
Non-operation: 1.88Grms, 5-500Hz each axis
Operation: 0.5Grms, 5-500Hz each axis
Power Consumption
TBD
Certifications
FCC, CE, UL, NEBS Level 3 (design)
Intel® Xeon® E3 Quad-Core 10 Gigabit Ethernet
AdvancedTCA® Processor Blade
Features
Intel® Xeon® E3 Quad-Core or Core™ i3 Dual-Core
Uniprocessor
DDR3 1600/ECC memory up to 32 GB
maximum capacity
Intel® C216 chipset
Single AMC.0 Mid-size bays
Dual 10GBASE-KX4/1000BASE-BX Fabric
Interface channels
RAID 0/1/5 SATA ports
Support Intel® DPDK and Media SDK
Ordering Information
Model Number
Description/Configuration
aTCA-9300/S1275V2
Single Quad-Core E3 1275V2 3.5 GHz Xeon®
10GbE processor blade, 8 PCIe lanes to RTM
aTCA-9300/S1225V2
Single Quad-core E3 1225V2 3.2GHz Xeon® 10GbE
processor blade, 8 PCIe lanes to RTM
aTCA-9300/S3220
Single Dual-Core Core i3 3.3GHz 10GbE processor
blade, 8 PCIe lanes to RTM
aTCA-9300/S1275V2/AMC
Single Quad-core E3 1275V2 3.5GHz Xeon®
processor blade W/ AMC bay, 12 PCIe lanes to RTM
aTCA-9300/S1225V2/AMC
Single Quad-core E3 11225V2 3.2GHz Xeon®
processor blade W/ AMC bay, 12 PCIe lanes to RTM
aTCA-R6270
Rear Transition Module with USB2.0 x2, SFP+
10GbE port and SATA drive bay x2 (hot swappable)


Similar Part No. - ATCA-R6270

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATCA-R6270 ETC2-ATCA-R6270 Datasheet
647Kb / 2P
Dual 10GBASE-KX4 Fabric Interface channels
ATCA-R6270 ETC2-ATCA-R6270 Datasheet
746Kb / 2P
Dual 10GBASE-KX4 Fabric Interface channels
More results

Similar Description - ATCA-R6270

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75800-0001 MOLEX-75800-0001 Datasheet
186Kb / 2P
0.75mm (.030?? Pitch AMC.0 B 170-Circuit Connectors
logo
List of Unclassifed Man...
AMC-7000 ETC2-AMC-7000 Datasheet
211Kb / 1P
AMC.0 Single-width, Mid-size
AMC-8100 ETC2-AMC-8100 Datasheet
304Kb / 2P
AMC.0 Single-width, Mid-size
ATCA-3420 ETC2-ATCA-3420 Datasheet
572Kb / 2P
Dual AMC bays
ATCA-6105 ETC2-ATCA-6105 Datasheet
643Kb / 2P
Single AMC.0 Mid-size bay
ATCA-6900 ETC2-ATCA-6900 Datasheet
379Kb / 2P
Dual AMC.0 Mid-size bays
logo
Winchester Electronics ...
7410-16 WINCHESTER-7410-16 Datasheet
47Kb / 1P
MID SIZE PATECH PLUG
logo
C&K Components
TF CK-COMPONENTS-TF Datasheet
459Kb / 6P
Mid Size Snap-acting Switches
TF2 CK-COMPONENTS-TF2_V01 Datasheet
593Kb / 6P
Mid Size Snap-acting Switches
4 Jul 22
TM CK-COMPONENTS-TM Datasheet
462Kb / 6P
Mid Size Snap-acting Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com