Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R3610 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPCI-R3610
Description  Up to 4GB DDR3-800 soldered memory
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R3610 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPCI-R3610 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-R3610 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I/O Table
Ordering Information
Model Number
Description/Configuration
Processor Blades
cPCI-3615D/N455/M2G
2-slot (8HP) 3U CompactPCI® blade with
Intel® Atom™ processor N455 and 2GB
DDR3-800 soldered memory
cPCI-3615/D525/M2G
1-slot (4HP) 3U CompactPCI® blade with
Intel® Atom™ processor D525 and 2GB
DDR3-800 soldered memory
cPCI-3615D/D525/M4G
2-slot (8HP) 3U CompactPCI® blade with
Intel® Atom™ Processor D525 and 4GB
DDR3-800 soldered memory
cPCI-3615P/N455/M2G
3-slot (12HP) 3U CompactPCI® blade with
Intel® Atom™ processor N455 and 2GB
DDR3-800 soldered memory
cPCI-EX3615D/D525/M4G
-40°C to 85°C screened cPCI-3615D/D525/
M4G
cPCI-ET3615D/D525/M2G
-20°C to 70°C screened cPCI-3615D/D525/
M4G
Rear Transition Modules
cPCI-R3610
8HP Rear I/O module for cPCI-3615 with
GbE x2,COM x2, USB x1, SATA x2, VGA,
50mm depth
cPCI-R3610T
8HP Rear I/O module for cPCI-3615 with
GbE x2,COM x2, USB x1, SATA x2, VGA,
80mm depth
(1) Switchable to front or rear by software selection.
Contact your ADLINK representative for different CPU, memory combinations.
cPCI-R3610T
GbE
USB 2.0
COM
VGA
PS/2
KB/MS
SATA
CF
Line-in
Line-out
PMC/
XMC
SBC
cPCI-3615
Faceplate
2
2
1
Onboard
1
cPCI-3615D
Faceplate
2
4
1
1
1
1
1
Onboard
1
(for 2.5” HDD)
1
cPCI-3615P
Faceplate
2
4
1
1
1
1
1
Onboard
1
(for 2.5” HDD)
1
1
RTM
cPCI-R3610(T)
Faceplate
2(1)
1
2
1(1)
Onboard
2
(7-pin)
LAN
SATA
USB
VGA
COM
4-8
7
2
1
3
4
5
6
9
8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com