Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R6100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPCI-R6100
Description  USB 3.0 and PCI-Express Gen3 support
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R6100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPCI-R6100 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-R6100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.adlinktech.com/cPCI/
cPCI-6520 Series
Specifications
Processor & System
CPU
μFC-BGA Quad-Core Intel® Core™ i7-3615QE processor,
2.3GHz, 6MB L3 cache, 45W TDP
μFC-BGA Quad-Core Intel® Core™ i7-3612QE processor,
2.1GHz, 6MB L3 cache, 35W TDP
μFC-BGA Dual-Core Intel® Core™ i7-3555LE processor,
2.5GHz, 4MB L3 cache, 25W TDP
μFC-BGA Dual-Core Intel® Core™ i7-3517UE processor,
1.7GHz, 4MB L3 cache, 17W TDP
Passive heatsink
Chipset
Intel® QM77 PCH
Memory
Dual channel DDR3-1333/1600 SDRAM with ECC,
up to 16GB
One channel in SO-CDIMM socket up to 8GB; one channel
soldered onboard up to 8GB (dependent on availability of
memory modules and chips)
BIOS
AMI® EFI BIOS, 64Mbit SPI flash memory
CompactPCI Bus
PCI 32/64-bit, 33/66MHz, 3.3V or 5V universal V(I/O)
Supports operation in system slot as master or in
peripheral slot as stand-alone blade without connectivity to
CompactPCI® bus (Satellite mode)
PICMG Standards
PICMG 2.0 CompactPCI R3.0
PICMG 2.1 Hot Swap R2.0
PICMG 2.9 System Management R1.0
PICMG 2.16 Packet Switch Backplane R1.0
Connectivity
PMC/XMC
One PCI 32/64-bit, 33/66/133MHz PMC site or PCI-Express
x8 XMC site with rear I/O
Ethernet
Three Intel® 82574IT GbE and one Intel® 82579LM PHY
controllers for two 10/100/1000BASE-T ports on front panel
and two 10/100/1000BASE-T ports to J3 for PICMG 2.16
Two additional 10/100/1000BASE-T ports from Intel®
82576EB on RTM (cPCI-R6100 or cPCI-R6110)
Graphics
Integrated in Intel® processor
Two dual mode DisplayPorts on front panel with optional DVI/
VGA/HDMI support by adapter cable
DVI, eDP and VGA routed to rear
Supports three independent displays by 2x DP or 2x VGA on
front panel and one DVI/VGA/eDP in rear
Additional discrete ATI GPU supporting two DVI ports on
RTM cPCI-R6700
USB
Three USB 3.0 ports on front panel
Six USB 2.0 ports routed to rear
PS/2
PS/2 Keyboard Mouse port to rear
Serial Port
Up to three 16C550 compatible serial ports
One RJ-45 RS-232/422/485 port on front panel
Two serial ports routed to rear
Audio
High Definition Audio signals routed to rear
Storage
SBC
One SATA 6 Gb/s direct connector for 2.5” onboard drive
(removable)
Optional CFast socket (shares space with SATA direct
connector)
CompactFlash socket onboard
RTM*
Up to three SATA ports
CF (x1) and SD (x1) sockets
Eight SAS ports supporting hardware RAID via two mini-SAS
x4 connectors (LSISAS1068E)
*Available interfaces dependent on RTM model selected
Operating System
OS
Microsoft Windows Server 2008, XP, 7
Red Hat Enterprise Linux 6.2
Fedora 16
Wind River VxWorks 6.9
(Please contact ADLINK for other OS support)
Miscellaneous
LED
Power, WDT, Hard Disk, Hot Swap and Port 80
Battery
Coin cell lithium battery onboard for RTC CMOS RAM
TPM
Atmel AT97SC3204 (optional, support upon request)
Watchdog Timer
System Reset and NMI, with programmable interval, 1-65535
seconds or minutes
Hardware Monitor
Monitors CPU temperature, system temperature, Vcore and
DC voltages
Mechanical & Environmental
Form Factor
6U 4HP (single slot) CompactPCI
233.33mm x 160mm (LxW)
Equipped with J1, J2, J3, J5 connectors
Operating Temperature 0°C to +60°C standard
-20°C to +70°C extended temperature (cPCI-ET6520)
Storage Temperature
-40°C to 85°C
RH Humidity
95% non-condensing
Shock
15G peak-to-peak, 11ms duration, non-operating
Vibration
2 Grms random vibration, 5-500Hz, each axis, operating
Power Consumption
3.23A @3.3V, 9.68A @5V, total 59W for Core i7-3612QE
3.37A @3.3V, 12.12A @5V, total 71.7W for Core i7-3615QE
Weight
Net weight 791g with heatsink
EMI/EMC
EN 55022 Class A, EN 55024, EN 61000-3-2, EN 61000-3-3
6U CompactPCI 3rd Gen Intel® Core™ i7
Processor Blade with ECC SDRAM
Features
Low power 22nm the 3rd generation
Intel® Core™ i7 processor
Dual channel DDR3 ECC memory, one
channel soldered and one channel
SO-CDIMM
Supports three independent displays:
(2xDP/VGA+VGA/DVI)
USB 3.0 and PCI-Express Gen3 support
Remote management and optional TPM
support
LAN
PMC/
XMC
User
LED
USB3.0
DP
COM
CompactPCI R
2
2-7


Similar Part No. - CPCI-R6100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-R6100 ETC2-CPCI-R6100 Datasheet
549Kb / 2P
Remote management support
CPCI-R6100 ETC2-CPCI-R6100 Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-R6100 ETC2-CPCI-R6100 Datasheet
550Kb / 2P
Supports system/peripheral operation
CPCI-R6100 ETC2-CPCI-R6100 Datasheet
587Kb / 2P
64bit/66MHz PMC/PCI-Express x8 XMC
CPCI-R6100 ETC2-CPCI-R6100 Datasheet
528Kb / 2P
Two USB 3.0, four GbE ports on front panel
More results

Similar Description - CPCI-R6100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8714 AVAGO-PEX8714 Datasheet
375Kb / 4P
PCI Express Gen3 Switch
PEX8718 AVAGO-PEX8718 Datasheet
348Kb / 4P
PCI Express Gen3 Switch
PEX8734 AVAGO-PEX8734 Datasheet
556Kb / 5P
PCI Express Gen3 Switch
PEX8750 AVAGO-PEX8750 Datasheet
565Kb / 5P
PCI Express Gen3 Switch
PEX8764 AVAGO-PEX8764 Datasheet
590Kb / 5P
PCI Express Gen3 Switch
PEX8780 AVAGO-PEX8780 Datasheet
540Kb / 5P
PCI Express Gen3 Switch
PEX8796 AVAGO-PEX8796 Datasheet
570Kb / 5P
PCI Express Gen3 Switch
logo
Keysight Technologies
N5393D KEYSIGHT-N5393D Datasheet
3Mb / 25P
PCI Express짰 3.0 (Gen3) Software
logo
PLX Technology
USB3380 PLX-USB3380 Datasheet
117Kb / 2P
PCI Express to USB 3.0 Peripheral Controller
USB3382 PLX-USB3382 Datasheet
184Kb / 2P
PCI Express to USB 3.0 Peripheral Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com