Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R6100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPCI-R6100
Description  Two USB 3.0, four GbE ports on front panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R6100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPCI-R6100 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-R6100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.adlinktech.com/cPCI/
cPCI-6930 Series
Specifications
Processor & System
CPU
LGA1356 Eight-Core Intel® Xeon® E5-2448L Processor
1.8GHz , 20MB LLC, TDP 70W
LGA1356 Six-Core Intel® Xeon® E5-2428L Processor
1.8GHz , 15MB LLC, TDP 60W
LGA1356 Intel® Quad-Core Xeon® E5-2418L Processor
2.0GHz , 10MB LLC, TDP 50W
Passive heatsink
Chipset
Intel® C600 PCH
Memory
Three channel DDR3-1600 ECC register SDRAM with three
RDIMM slots, up to 48GB capacity (dependent on availability
of memory modules)
BIOS
AMI® EFI BIOS, 64Mbit SPI flash memory
CompactPCI Bus
PCI 64-bit, 66MHz, 3.3V or 5V universal V(I/O)
Supports operation in system slot as master or in
peripheral slot as stand-alone blade without connectivity to
CompactPCI® bus (Satellite mode)
PIGMIG Standards
PICMG 2.0 CompactPCI R3.0
PICMG 2.1 Hot Swap R2.0
PICMG 2.9 System Management R1.0
PICMG 2.16 Packet Switch Backplane R1.0
Connectivity
PMC/XMC
One PCI 32/64-bit, 33/66/133MHz PMC site or PCI-Express
x8 XMC site
Ethernet
One Intel® 82580 Gigabit Ethernet controller for four
10/100/1000BASE-T ports
Two Intel® 82574L Gigabit Ethernet controllers for two
10/100/1000BASE-T ports to J3 for PICMG 2.16
Two additional 10/100/1000BASE-T ports from Intel®
82576EB on RTM (cPCI-R6100 or cPCI-R6110)
Graphics
SMI SM750 2D graphics chip
16MB embedded 32-bit DDR memory at 166MHz
Two analog RGB signals to front and rear for VGA interfaces
with dual display support
Up to 1920x1440 resolution
Additional discrete ATI E4690 GPU supporting two DVI-I
ports on RTM cPCI-R6700
USB
Two USB 3.0 and three USB 2.0 ports on front panel
Six USB 2.0 ports routed to rear
PS/2
PS/2 Keyboard Mouse port to rear
Serial Port
Up to three 16C550 compatible serial ports
One DB-9 RS-232 port on front panel
Two serial ports routed to rear
Audio
High Definition Audio signals routed to rear
Storage
SBC
4GB SATA NAND flash onboard
One SATA 6 Gb/s direct connector for 2.5” onboard drive
(removable)
Optional CF or CFast socket (shares space with SATA direct
connector)
Optional SAS direct connector for 2.5” onboard drive (shares
space with SATA direct connector; not available concurrently
with COM, USB, PMC/XMC site on layer 2)
RTM*
Up to three SATA ports
CF (x1) and SD (x1) sockets
Eight SAS ports supporting hardware RAID via two mini-SAS
x4 connectors (LSISAS1068E)
*Available interfaces dependent on RTM model selected
Operating System
OS
Microsoft Windows 7 32/64-bit
Microsoft Windows Server 2008 64-bit
Red Hat Enterprise Linux 6.1
Fedora 15
Wind River VxWorks 6.9
(Please contact ADLINK for other OS support)
Miscellaneous
LED
Power, WDT, Hard Disk, Hotswap and Port 80 User LEDs
Battery
Coin cell lithium battery onboard for RTC CMOS RAM
TPM
Infineon SLB 9635 TT1.2 (optional, support upon reques)
Watchdog Timer
System Reset and NMI, with Programmable Interval, 1-65535
seconds or minutes
Hardware Monitor
Monitors CPU temperature, system temperature, Vcore and
DC voltages
Mechanical & Environmental
Form Factor
6U 8HP (dual slot) CompactPCI
233.33mm x 160mm (LxW)
Operating Temperature 0° to 55°C with forced air flow
Storage Temperature
-40°C to 85°C
RH Humidity
95% non-condensing
Shock
15G peak-to-peak, 11ms duration, non-operating
Vibration
2 Grms random vibration, 5-500Hz, each axis, operating
Power Consumption
8-C Xeon E5-2448L processor, 12GB DDR3-1600 under
Windows 7 with 100% CPU usage
19.6A@5V, 4.6A@3.3V, total 113.2W when Turbo boost and
HT enabled; 16.7A@5V, 4.4A@3.3V, total 98W when Turbo
boost and HT disabled
Weight
Net weight 1087.6g with heatsink
EMI/EMC
EN 55022 Class A, EN 55024, EN 61000-3-2, EN 61000-3-3
6U CompactPCI Eight-Core 32nm Intel® Xeon®
Processor Blade
Features
Up to Eight-Core Intel® Xeon processor
1.8GHz and 20MB LLC
Up to 48GB DDR3 ECC/REG memory by
RDIMMs
Two USB 3.0, four GbE ports on front panel
Optional SAS 6 Gb/s port for 2.5” drive
onboard
Onboard SATA SSD and optional CF, CFast
socket
LAN
USB2.0
User LED
USB3.0
VGA
PMC/
XMC
USB2.0
COM
CompactPCI R
2
2-9


Similar Part No. - CPCI-R6100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-R6100 ETC2-CPCI-R6100 Datasheet
549Kb / 2P
Remote management support
CPCI-R6100 ETC2-CPCI-R6100 Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-R6100 ETC2-CPCI-R6100 Datasheet
541Kb / 2P
USB 3.0 and PCI-Express Gen3 support
CPCI-R6100 ETC2-CPCI-R6100 Datasheet
550Kb / 2P
Supports system/peripheral operation
CPCI-R6100 ETC2-CPCI-R6100 Datasheet
587Kb / 2P
64bit/66MHz PMC/PCI-Express x8 XMC
More results

Similar Description - CPCI-R6100

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM56502 BOARDCOM-BCM56502 Datasheet
136Kb / 2P
24-PORT GbE MULTILAYER SWITCH WITH TWO 10-GbE/ HiGig-TM PORTS
BCM56304 BOARDCOM-BCM56304 Datasheet
222Kb / 2P
24-PORT GbE MULTILAYER SWITCH WITH FOUR 10-GbE/HiGig PORTS
BCM56504 BOARDCOM-BCM56504 Datasheet
203Kb / 2P
24-PORT GbE MULTILAYER SWITCH WITH FOUR 10 GbE/HiGigPORTS
BCM56514 BOARDCOM-BCM56514 Datasheet
217Kb / 2P
24-PORT GbE MULTILAYER SWITCH WITH FOUR 10 GbE/HiGig PORTS
logo
List of Unclassifed Man...
MCS7840 ETC2-MCS7840 Datasheet
439Kb / 41P
USB-2.0 to Four Serial Ports
logo
Texas Instruments
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
Four-Port and Two-Port USB 3.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
logo
Broadcom Corporation.
BCM56502B2IEBG BOARDCOM-BCM56502B2IEBG Datasheet
197Kb / 2P
24-PORT GbE MULTILAYER SWITCH WITH TWO 10 GbE/HiGig??PORTS
logo
List of Unclassifed Man...
1550 ETC2-1550 Datasheet
815Kb / 1P
USB charging port on front panel
logo
Axiomtek Co., Ltd.
AX93295 AXIOMTEK-AX93295 Datasheet
351Kb / 1P
ZIO module with two isolated COM ports and two USB 3.0 ports
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com