Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R6000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPCI-R6000
Description  64bit/66MHz PMC/PCI-Express x8 XMC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R6000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPCI-R6000 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-R6000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
5
3
7
2
6
9
4
8
10
11
I/O Table
(1) SATA connector and CF socket are removable adapters, share the same space and cannot be installed simultaneously.
(2) Tx, Rx signals only
(3) Two 7-pin signal connectors onboard for external HDDs and one direct connector for onboard 2.5” SATA HDD. Optional CompactFlash slot is supported by replacing SATA connector adapter with Compact
Flash adapter. SATA HDD and CF cannot be used simultaneously.
(4) Converted from USB
Ordering Information
Model Number
Description/Configuration
CPU Board
cPCI-6920/S408/M2G
4HP cPCI-6920 with 1 x Quad-Core Xeon® 2.13GHz
(L5408), 2GB SO-RDIMM
cPCI-6920/S408/M4G
4HP cPCI-6920 with 1 x Quad-Core LV Xeon® 2.13GHz
(L5408), 2x 2GB SO-RDIMM
cPCI-6920D/S408/M4G 8HP cPCI-6920D with 1 x Quad-Core Xeon® 2.13GHz
(L5408), 2x 2GB SO-RDIMM
cPCI-6920D/D408/M8G 8HP cPCI-6920D with 2 x Quad-Core Xeon® 2.13GHz
(L5408), 4x 2GB SO-RDIMM
cPCI-6920D/D138/M2G 8HP cPCI-6920D with 2 x Dual-Core Xeon® 2.13GHz
(5138), 2GB SO-RDIMM
CF socket and SATA connector adapters are included in package
Rear Transition Module
cPCI-R6000
4HP Rear I/O module with GbE x2, COM x2, USB x3,
Floppy, SATA x2, SCSI, VGA
cPCI-R6000D
8HP Rear I/O module with GbE x2, COM x2, USB x5,
Floppy, SATA x3, SCSI, VGA, PS/2 and Mic-in, Line-out
cPCI-R6100
4HP Rear I/O module with GbE x4, COM, USB x4, SATA
x2, DVI, VGA, PS/2, CF, SD
cPCI-R6110
4HP Rear I/O module with GbE x2, COM, USB x4, SATA
x3, VGA, PS/2, CF, SD
cPCI-R6200
8HP Rear I/O module with GbE x2, USB x4, DVI-I, SATA
x3, Mic-in, Line-out, PS/2 KB/MS, SAS x8
Mezzanine
DB-CF-SA
CompactFlash socket adapter kit for cPCI-R6000D,
cPCI-R6200
Contact your ADLINK representative for different CPU, memory combinations.
GbE
USB
2.0
COM
VGA
PMC/
XMC
SATA
SCSI
CF
Mic-
in
Line-
out
PS/2
KB/MS
FDD
SD
SAS
SBC
cPCI-6920
Faceplate
2
2
1
Onboard
1(1)
1(1)
cPCI-6920D
Faceplate
2
4
1 (DB-9)
1
Onboard
1
1(1)
1(1)
1
RTM
cPCI-R6000
Faceplate
2
2
1 (DB-9)
1
1
Onboard
1
(5-pin)
1(2)
(10-pin)
2 (7-pin)
1
1
cPCI-R6000D
Faceplate
2
4
1
(DB-9)
1
1
1
1
1
Onboard
1
(5-pin)
1(2)
(10-pin)
3(3)
1
1
(optional)(3)
1
cPCI-R6100
Faceplate
4
4
1 (RJ-45)
1
1
Onboard
2 (7-pin)
1(4)
1
cPCI-R6110
Faceplate
2
4
1
1
Onboard
3(3)
1(4)
1
cPCI-R6200
Faceplate
2
5
1 (DB-9)
1
1
1
1
4
(SFF-8088)
Onboard
1
(5-pin)
1(2)
(10-pin)
3(3)
1
(optional)(3)
4
(SFF-8087)
cPCI-R6000D
cPCI-R6000
KB/MS
Line-out
Mic-in
RGB
COM
USB x2
GbE
SCSI
7-pin SATA
10-pin RS-232
7-pin SATA
Floppy
Floppy
RGB
USB x2
Connector for
SATA/CF adapter
cPCI-R6200
USB x2
SATA
Line-out
Mic-in
USB
SATA
iSAS
COM
DVI-I
USB
USB
eSAS
COM
USB
GbE
GbE
KB/MS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com