Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R6100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPCI-R6100
Description  Supports system/peripheral operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R6100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPCI-R6100 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-R6100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I/O Table
Ordering Information
Model Number
Description/Configuration
Processor Blades
cPCI-6880/T94/M2-0
6U CompactPCI® blade with Core™2 Duo 2.53GHz
(T9400) processor and 2GB soldered DDR2-800 memory
cPCI-6880/T94/M0-2
6U CompactPCI® blade with Core™2 Duo 2.53GHz
(T9400) processor and 2GB DDR2-800 SODIMM
cPCI-6880/T94/M4-0
6U CompactPCI® blade with Core™2 Duo 2.53GHz
(T9400) processor, 4GB soldered DDR2-667 memory
cPCI-6880/P84/M0-2
6U CompactPCI® blade with Core™2 Duo 2.26GHz
(P8400) processor and 2 GB DDR2-800 SODIMM memory
cPCI-6880/T31/M0-2
6U CompactPCI® blade with dual core Celeron® 1.9GHz
(T3100) processor and 2GB DDR2-800 SODIMM memory
cPCI-6880P/T94/M0-2 6U CompactPCI® blade with Core™2 Duo 2.53GHz
(T9400) processor and 2GB DDR2-800 SODIMM memory
with PIM support
SATA adapter is included in package of CPU board
Rear Transition Modules
cPCI-R6002
4HP Rear I/O module with GbE x2, COM x2, USB x3,
SATA x2, VGA
cPCI-R6000P
4HP Rear I/O module with GbE x2, COM x2, USB x3,
SATA x2, PIM, VGA (for cPCI-6880P)
cPCI-R6100
4HP Rear I/O module with GbE x4, COM, USB x4,
SATA x2, VGA, PS/2, CF, SD
cPCI-R6110
4HP Rear I/O module with GbE x2, USB x4, SATA x3, VGA,
PS/2, CF, SD
cPCI-R6700
4HP Rear I/O module with discrete GPU ATI/AMD E4690,
DVI-I x2, GbE x2, USB x3, COM x2, KB/MS hearder, SATA
x3, audio header
Mezzanines
DB-CF-SB
CompactFlash socket adapter kit for cPCI-6880
DB-CF-SA
CompactFlash socket adapter kit for cPCI-R6002D,
cPCI-R6200
Contact your ADLINK representative for different CPU, memory combinations.
See 6U RTM selection guide for more options.
(1) Removable SATA connector adapter for onboard 2.5” HDD. Optional CompactFlash socket is supported by replacing SATA connector adapter with CompactFlash adapter. 2.5” HDD and CF share the same
space and cannot be installed simultaneously.
(2) Tx, Rx signals only
(3) Two 7-pin signal connectors onboard for external HDDs and one direct connector for onboard 2.5” SATA HDD. Optional CompactFlash slot is supported by replacing SATA connector adapter with Compact
Flash adapter. SATA HDD and CF cannot be used simultaneously.
(4) Converted from USB
GbE
USB 2.0
COM
DVI
VGA
PMC
SATA
CF
Mic-in
Line-out
PS/2
KB/MS
SD
SAS
SBC
cPCI-6880
Faceplate
2
3
1 (RJ-45)
1 (DVI-I)
Onboard
1
1(1)
1(1)
RTM
cPCI-R6002
Faceplate
2
2
1 (DB-9)
1
Onboard
1 (5-pin)
1(2) (10-pin)
2 (7-pin)
cPCI-R6000P
Faceplate
2
2
1 (DB-9)
1
Onboard
1 (5-pin)
1 (10-pin)
1
(PIM)
2 (7-pin)
cPCI-R6100
Faceplate
4
4
1 (RJ-45)
1
1
Onboard
2 (7-pin)
1(4)
1
cPCI-R6110
Faceplate
2
4
1
1
Onboard
3(3)
1(4)
1
cPCI-R6200
Faceplate
2
5
1 (DB-9)
1
1
1
1
4
(SFF-8088)
Onboard
1 (5-pin)
1(2) (10-pin)
3(3)
1
(optional)(3)
4
(SFF-8087)
cPCI-R6700
Faceplate
2
3
1 (DB-9)
2 (DVI-I)
Onboard
2
1(2) (10-pin)
3 (7-pin)
1 (10-pin)
1 (10-pin)
cPCI-R6002
cPCI-R6700
RGB
COM
USB x2
GbE
7-pin SATA
10-pin RS-232
7-pin SATA
cPCI-R6100
CF
DVI-D
COM
LAN
LAN
SD
VGA
USB x4
PS/2 KB/MS
COM
USB x3
LAN x2
SATA x3
DVI-I x2
2-18
7
2
1
3
4
5
6
9
8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com