Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R6000-L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPCI-R6000-L
Description  Two egress PCI-Express Gigabit Ethernet ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R6000-L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPCI-R6000-L Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-R6000-L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
5
3
7
2
6
9
4
8
10
11
I/O Table
Ordering Information
Model Number
Description/Configuration
CPU Board
cPCI-6965/550/M512
4HP (single slot) 6U CompactPCI® Celeron® 2.0GHz (550)
processor blade and 512MB SODIMM
cPCI-6965/T75/M2G
4HP 6U CompactPCI® Core™2 Duo 2.2GHz (T7500)
processor blade and 2x 1GB SODIMM
cPCI-6965D/550/M512 8HP 6U CompactPCI® Celeron® 2.0GHz (550) processor
blade and 512MB SODIMM
cPCI-6965D/550/M1G
8HP (dual slot) 6U CompactPCI® Celeron® 2.0GHz (550)
processor blade and 2x 512MB SODIMM
cPCI-6965D/T75/M1G
8HP 6U CompactPCI® Core™2 Duo 2.2GHz (T7500)
processor blade and 2x 512MB SODIMM
cPCI-6965D/T75/M2G
8HP 6U CompactPCI® Core™2 Duo 2.2GHz (T7500)
processor blade and 2x 1GB SODIMM
cPCI-6965D/T75/M4G
8HP 6U CompactPCI® Core™2 Duo 2.2GHz (T7500)
processor blade and 2x 2GB SODIMM
cPCI-6965DZ/T75/M2G 8HP 6U CompactPCI® Core™2 Duo 2.2 GHz (T7500)
processor blade and 2x 1GB SODIMM, without J3, J5 cPCI
connectors
Rear Transition Module
cPCI-R6000-965
4HP Rear Transition Module for cPCI-6965(D) series with
2x USB, VGA, FDD, SATA and SCSI
cPCI-R6000-965D
8HP Rear Transition Module for cPCI-6965(D) series with
4x USB, VGA, FDD, SATA, Min-in, Line-out, PS/2 and SCSI
cPCI-R6000-L
4HP Rear Transition Module for cPCI-6965(D) series with
2x USB, VGA, FDD, SATA without SCSI
cPCI-R6000D-L
8HP Rear Transition Module for cPCI-6965(D) series with
4x USB, VGA, FDD, SATA, Mic-in, Line-out, PS/2 without
SCSI
cPCI-R6111
4HP Rear I/O module with GbE x2, COM, USB x4,
SATA, VGA, PS/2, CF, SD
(1) One 7-pin SATA connector for external HDD and one direct connector for onboard 2.5” HDD.
(2) Converted from USB
GbE
USB
2.0
COM
DVI
VGA
PMC
SATA
SCSI
CF
Mic-
in
Line-
out
PS/2
KB/MS
FDD
SD
Parallel
SBC
cPCI-6965
Faceplate
2
4
1
1x DVI-D
1x DVI-I
Onboard
2(1)
1
cPCI-6965D
Faceplate
2
4
2
1x DVI-D
1x DVI-I
1
1
Onboard
1
2(1)
1
RTM
cPCI-R6000-L/
cPCI-R6000-965
Faceplate
2
1
1 (cPCI-R6000-
965 only)
Onboard
1
(7-pin)
1 (cPCI-R6000-
965 only)
1
cPCI-R6000D-L/
cPCI-R6000-965D
Faceplate
4
1
1 (cPCI-R6000-
965D only)
1
1
1
Onboard
1
(7-pin)
1 (cPCI-R6000-
965D only)
1
cPCI-R6111
Faceplate
2
4
1
1
Onboard
1 (for
2.5”
HDD)
1(2)
1
cPCI-R6111
CF
LAN
SD
VGA
USB x4
PS/2 KB/MS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com