Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R6111 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPCI-R6111
Description  Two egress PCI-Express Gigabit Ethernet ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R6111 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPCI-R6111 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-R6111 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
http://www.adlinktech.com/cPCI/
cPCI-6965 Series
Specifications
Processor & System
CPU
μFC-PGA Intel® Core™2 Duo 2.2GHz (T7500), 4MB L2
cache, FSB 800MHz
μFC-PGA Intel® Celeron® M 2.0GHz (550), 1MB L 2 cache,
FSB 533MHz
Chipset
Intel® GME965 with ICH8-M
RAM
Dual Channel DDR2-667 SDRAM with two SO-DIMM
sockets, up to 4GB capacity
BIOS
AMIBIOS®8 16Mbit SPI Flash memory
CompactPCI Bus
32-bit/ 33 MHz CompactPCI® Bus
PICMG Standards
PICMG® 2.0 CompactPCI R3.0
PICMG® 2.1 Hotswap R2.0
Connectivity
PMC
One 32-bit/33 MHz PMC site
Ethernet
Two PCI-Express Intel® 82573L Gigabit Ethernet controllers
Two egress GbE ports
Two additional 10/100/1000BASE-T ports from Intel®
82576EB on RTM cPCI-R6111
Graphics
Integrated in GME965
One DVI-D and one DVI-I ports on front panel
Analog CRT supports up to 2048x1536 resolution @ 75Hz
refresh rate
Analog CRT signal routed to RTM, mirror display with front
VGA
USB
Four front panel USB 2.0 ports
Four rear panel USB 2.0 ports
PS/2
One PS/2 KB/MS Combo Port
Serial Port
Two front panel DB-9 RS-232/422/485/485+ selectable serial
ports
Printer port
One front panel printer port
Audio
Mic-in, line-out ports on RTM
Storage
SBC
One SATA port for 2.5” hard drive direct mounting
One 7-pin signal SATA port for external hard drive
Optional USB flash disk module, up to 8GB
One CompactFlash slot
RTM
One internal and one external 68-pin SCSI connector by
LSI53C1020 SCSI Ultra320 single channel controller
(cPCI-R6000-965(D) only)
Floppy header onboard
Operating System
OS
Microsoft Windows® XP Professional
Microsoft Windows® Vista Enterprise
Fedora™ 7
Miscellaneous
LED
Power, WDT, HDD, General Purpose
Battery
Coin cell lithium battery onboard for RTC CMOS RAM
Hardware Monitor
Integrated in Super I/O IT8712F, monitors CPU temperature,
system temperature, Vcore and DC voltages
Watchdog Timer
Integrated in Super I/O IT8712F, two stage watchdog timer
Mechanical & Environmental
Form Factor
6U 4HP/8HP CompactPCI®
233.33 mm x 160mm (L x W)
Operating Temp.
0°C to +60°C (with forced air flow)
Storage Temp.
-40°C to +85°C
Rel. Humidity
90% @ 60°C (non-condensing)
Shock
15G peak-to-peak, 11ms duration, non-operating
Vibration
1.88 Grms, 5-500Hz, each axis, operating
IEC68-2-64 standard
Power Consumption
Core™2 Duo 2.2GHz (T7500), 1GB SODIMM under
Windows® XP with 100% CPU loading
Current (A)
Power (W)
5V
9.4
47
Total
47
Weight
Net weight 677.5g with heatsink
Safety & EMI
Certifications
EN55022 CE, FCC Class A
Value 6U CompactPCI® Intel® Core™2 Duo
Processor Blade with Dual Independent Displays
Features
Low power Intel® Core™2 Duo 2.2GHz
Dual Channel DDR2-667 SODIMM,
up to 4GB
Dual independent display
(DVI+VGA or DVI+DVI)
Two egress PCI-Express Gigabit Ethernet
ports
Serial ATA, USB SSD module and
CompactFlash storage options
cPCI-6965
cPCI-6965D
LPT
KB/MS
COM
PMC
DVI-I
DVI-D
LAN
USB
COM


Similar Part No. - CPCI-R6111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-R6110 ETC2-CPCI-R6110 Datasheet
549Kb / 2P
Remote management support
CPCI-R6110 ETC2-CPCI-R6110 Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-R6110 ETC2-CPCI-R6110 Datasheet
541Kb / 2P
USB 3.0 and PCI-Express Gen3 support
CPCI-R6110 ETC2-CPCI-R6110 Datasheet
550Kb / 2P
Supports system/peripheral operation
CPCI-R6110 ETC2-CPCI-R6110 Datasheet
587Kb / 2P
64bit/66MHz PMC/PCI-Express x8 XMC
More results

Similar Description - CPCI-R6111

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PER-C31L AAEON-PER-C31L Datasheet
166Kb / 1P
Two PCI-Express Gigabit Ethernet & Two SFP Fiber LAN Module
PER-C35L AAEON-PER-C35L Datasheet
125Kb / 1P
Two PCI-Express 10 Gigabit Ethernet Acceleration Module
logo
List of Unclassifed Man...
CPCI-6620 ETC2-CPCI-6620 Datasheet
396Kb / 1P
Four Gigabit Ethernet egress ports
logo
Realtek Semiconductor C...
RTL8111D-GR REALTEK-RTL8111D-GR Datasheet
1Mb / 45P
INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111F-CG REALTEK-RTL8111F-CG Datasheet
595Kb / 37P
INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
logo
Broadcom Corporation.
BCM5719 BOARDCOM-BCM5719 Datasheet
678Kb / 2P
X4 PCI EXPRESS QUAD-PORT GIGABIT ETHERNET CONTROLLER
logo
Silicom Ltd.
PE2G2BPI80 SILICOM-PE2G2BPI80 Datasheet
790Kb / 6P
Dual Ports Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PEG1F SILICOM-PEG1F Datasheet
428Kb / 6P
Fiber Gigabit Ethernet PCI Express Server Adapter
logo
List of Unclassifed Man...
DGE-560T ETC1-DGE-560T Datasheet
428Kb / 2P
PCI Express Gigabit Ethernet Network Adapter
logo
Richtek Technology Corp...
RTL8111E-VB-GR RICHTEK-RTL8111E-VB-GR Datasheet
592Kb / 39P
INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
Rev. 1.5 22 July 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com