Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA7601D1 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ATA7601D1
Description  5.0V 10Gb/s TIA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ATA7601D1 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ATA7601D1 Datasheet HTML 1Page - ANADIGICS, Inc ATA7601D1 Datasheet HTML 2Page - ANADIGICS, Inc ATA7601D1 Datasheet HTML 3Page - ANADIGICS, Inc ATA7601D1 Datasheet HTML 4Page - ANADIGICS, Inc ATA7601D1 Datasheet HTML 5Page - ANADIGICS, Inc ATA7601D1 Datasheet HTML 6Page - ANADIGICS, Inc ATA7601D1 Datasheet HTML 7Page - ANADIGICS, Inc ATA7601D1 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Preliminary Data Sheet - Revision 1
03/01
ATA7601
V
C
C
V
0
.
7
I
N
I
p
p
A
m
4
T
S
C
°
5
2
1
o
t
C
°
5
6
-
p
m
e
T
e
g
a
r
o
t
S
Absolute Maximum Ratings
Recommended Operating Conditions
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
e
g
n
a
R
e
g
a
tl
o
V
g
n
it
a
r
e
p
O5
7
.
4
+0
.
5
+5
2
.
5
+V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
)
1
(
0
4
-5
8
O
C
AC Characteristics (2)
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
e
g
a
tl
o
V
t
e
s
ff
O
t
u
p
n
I5
3
.
1V
e
g
a
tl
o
V
t
e
s
ff
O
t
u
p
t
u
O0
.
3V
t
n
e
rr
u
C
y
l
p
p
u
S5
65
9A
m
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P5
2
30
0
5W
m
DC Characteristics
2. The specifications are based upon the use of a PIN photodetector with a responsivity
at 1550nm of 0.85A/W and a capacitance of C
DIODE + CSTRAY = 0.3pF max connected
to I
IN via a 0.8nH bond wire.
3. With the use of an external capacitor.
4. Measured at 10-10 BER with a 223 -1 PRBS at 10Gb/s.
5. 11GHz bandwidth.
6. Defined as 80% of the maximum output voltage.
1. Defined at the interface between the die and the substrate.
W
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
)
0
0
1
-
L
R
(
e
c
n
a
t
s
i
s
e
r
s
n
a
r
T
l
a
it
n
e
r
e
ff
i
D
l
a
n
g
i
S
ll
a
m
S0
0
90
0
1
1
)
B
d
3
-(
h
t
d
i
w
d
n
a
B0
.
80
.
9z
H
G
ff
o
t
u
C
y
c
n
e
u
q
e
r
F
w
o
L
)
3
(
0
3z
H
k
)
z
H
G
8
o
t
z
H
M
1
(
y
a
l
e
D
p
u
o
r
G5
2
-5
2
+s
p
y
ti
v
it
i
s
n
e
S
l
a
c
it
p
O
)
4
(
5
.
9
1
-m
B
d
)
S
M
R
(
t
n
e
rr
u
C
e
s
i
o
N
t
u
p
n
I
)
5
(
8
.
1A
d
a
o
lr
e
v
O
l
a
c
it
p
O
)
4
(
3
-2
-m
B
d
s
ti
m
i
L
t
u
p
t
u
O
h
c
i
h
w
t
a
t
n
e
rr
u
C
t
u
p
n
I
)
6
(
0
5
3A
e
g
a
tl
o
V
t
u
p
t
u
O
l
a
it
n
e
r
e
ff
i
D
m
u
m
ix
a
M
0
0
4V
m
)
z
H
G
0
1
o
t
z
H
M
1
(
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O0
1B
d
W
m
m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com