Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

223DIP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 223DIP
Description  Bahco Group - Product Card
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

223DIP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  223DIP Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIN: 8976
ISO: 8976
Finish: phosphated, anti-rust protected, PVC-coated handles for better gripping comfort.
Shape: the jaws grip parallel in all positions up to maximum jaw opening.
IP = Industrial pack.
Slip joint pliers, 221 D/225 D
A
mm
B
mm
C
mm
D
mm
E
mm
F
mm
221 D
0037070
5
117
16
18.0
5.0 3.0 5.0 18 60
222 D
0037087
5
150
22
23.5
6.5 4.0 6.5 23 100
223 D
0037094
5
192
25
28.0
7.5 4.5 7.5 32 185
224 D
0037100
5
240
30
35.0
9.5 5.5 9.5 45 345
225 D
0037117
3
305
38
42.0
11.5 4.5 11.5 58 535
221 D IP
0102334
5
117
16
18.0
5.0 3.0 5.0 18 60
222 D IP
0102341
5
150
22
23.5
6.5 4.0 6.5 23 100
223 D IP
0101788
5
192
25
28.0
7.5 4.5 7.5 32 185
224 D IP
0101795
5
240
30
35.0
9.5 5.5 9.5 45 345
225 D IP
0101801
5
305
38
42.0
11.5 4.5 11.5 58 535
Bahco Group - Product Card
25/09/2003
http://extranet.bahco.com/catalogue/ProdCard.asp?showOnlyOne=true&this_might_p...


Similar Part No. - 223DIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
223 ETC2-223 Datasheet
133Kb / 1P
SMK MALE TO SMK MALE STRAIGHT ADAPTER
logo
Alpha Wire
223 ALPHAWIRE-223 Datasheet
198Kb / 2P
Mini 7/8" Male Internal Threads 4 Pin Field Attachable
logo
Walther-Werke
223 WALTHER-223 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Oscilent Corporation
223-000306-20 OSCILENT-223-000306-20 Datasheet
132Kb / 2P
32.768 KHz Crystal
223-000312-20 OSCILENT-223-000312-20 Datasheet
132Kb / 2P
32.768 KHz Crystal
More results

Similar Description - 223DIP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30218 MITSUBISHI-M30218 Datasheet
4Mb / 467P
M30218 Group
logo
Renesas Technology Corp
R8C32G RENESAS-R8C32G Datasheet
528Kb / 56P
Refer to Table 1.5 Product List for R8C/32G Group.
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
R8C/34P Group, R8C/34R Group RENESAS MCU
logo
Semtech Corporation
ACS9520PB SEMTECH-ACS9520PB Datasheet
303Kb / 4P
ADVANCED COMMS PRODUCT GROUP
ACS9522PB SEMTECH-ACS9522PB Datasheet
176Kb / 4P
ADVANCED COMMS PRODUCT GROUP
logo
Sharp Corporation
IR3E3074 SHARP-IR3E3074 Datasheet
1Mb / 24P
Product Development Dept. I Analog Ic Division Integrated Circuits Group SHARP CORPORATION
logo
Semtech Corporation
ACS9520T SEMTECH-ACS9520T Datasheet
303Kb / 4P
ADVANCED COMMS PRODUCT GROUP
ACS9522T SEMTECH-ACS9522T Datasheet
176Kb / 4P
ADVANCED COMMS PRODUCT GROUP
logo
TE Connectivity Ltd
EW60 TEC-EW60 Datasheet
207Kb / 2P
Relay Product Group General Purpose Relays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com