Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC2W Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BC2W
Description  Miniature Case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BC2W Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BC2W Datasheet HTML 1Page - List of Unclassifed Manufacturers BC2W Datasheet HTML 2Page - List of Unclassifed Manufacturers BC2W Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Miniature Case
BC2 Series
Page <2>
09/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Properties
Test Method
Unit
Impact Resistant Grades
103
Izod Impact
Strength +23°C
-20°C
ISO 180/3A ASTM D256/A
kJ / m2
17
11
Tensile Strength at Yield
ISO R527 ASTM D638
N / mm2
50
Elongation at Yield
ISO R527 ASTM D638
%
6
Flexural Strength
ISO 178 ASTM D790
N / mm2
87
Rockwell Hardness
ISO 2039/2 ASTM D785
R Scale
112
Heat Deflection Temperature
Unannealed
Annealed
ISO 75/A ASTM D648
°C
90
97
Vicat Softening Temperature
ISO 306/B ASTM D1525
°C
97
ABS Polymers Specification
Acrylonitrile-Butadiene-Styrene
Dimensions : Millimetres



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com