Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BC2
Description  Miniature Case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BC2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BC2 Datasheet HTML 1Page - List of Unclassifed Manufacturers BC2 Datasheet HTML 2Page - List of Unclassifed Manufacturers BC2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Miniature Case
BC2 Series
Page <1>
09/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Features:
•• Hand held case with battery compartment and battery clip / pocket clip
option
•• Moulded in high-impact black, white or grey ABS with integral PP3 battery
- compartment accessible by a separate removable cover
•• Clip-in battery terminals are supplied as standard
•• Textured finish
•• No visible fixing screws for excellent final product appearance
•• The pocket clip, if required, can be easily fixed to the case by the two
self-tapping screws supplied
•• The two main halves of the case are held together by the two self-tapping
screws supplied which are concealed by the battery cover
•• Four integral location pegs and sockets will hold a PCB in place without
any further fixing
•• The overall finish of the case is matt with highlighted feature panels
making it ideal for personalised products
Dimensions : Millimetres


Similar Part No. - BC2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BC2 COOPER-BC2 Datasheet
105Kb / 1P
Single Row Terminal Blocks Continued
logo
Multicomp Pro
BC2 MULTICOMP-BC2 Datasheet
404Kb / 2P
Miniature Case BC2 Series
29/01/21 V1.0
logo
Clarke International
BC2 CLARKE-BC2 Datasheet
2Mb / 16P
12V/24V 15A BATTERY CHARGER
DL1025
logo
Turck, Inc.
BC2-EM08-UN8X TURCK-BC2-EM08-UN8X Datasheet
777Kb / 3P
Capacitive Sensor
11/07/2023
BC2-EM08-UN8X-V1131 TURCK-BC2-EM08-UN8X-V1131 Datasheet
785Kb / 3P
Capacitive Sensor
11/07/2023
More results

Similar Description - BC2

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
LA-A1 CTS-LA-A1 Datasheet
87Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
logo
Vishay Siliconix
893D VISHAY-893D Datasheet
136Kb / 5P
Solid Tantalum Chip Capacitors TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
08-Feb-08
logo
Cooper Bussmann, Inc.
UP2C-R47-R COOPER-UP2C-R47-R Datasheet
146Kb / 2P
Miniature surface mount design with rugged case to eliminate core breakage
logo
Altech corporation
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
2CU02L ALTECH-2CU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
3DU02L ALTECH-3DU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
Miniature Molded Case Circuit Breakers
logo
PHOENIX CONTACT
1229456 PHOENIX-1229456 Datasheet
45Kb / 1P
Case - THERMOMARK GO CASE
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
Case - TMP CASE
09/11/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com