Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS7440TRLPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS7440TRLPBF
Description  Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS7440TRLPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFS7440TRLPBF Datasheet HTML 1Page - International Rectifier IRFS7440TRLPBF Datasheet HTML 2Page - International Rectifier IRFS7440TRLPBF Datasheet HTML 3Page - International Rectifier IRFS7440TRLPBF Datasheet HTML 4Page - International Rectifier IRFS7440TRLPBF Datasheet HTML 5Page - International Rectifier IRFS7440TRLPBF Datasheet HTML 6Page - International Rectifier IRFS7440TRLPBF Datasheet HTML 7Page - International Rectifier IRFS7440TRLPBF Datasheet HTML 8Page - International Rectifier IRFS7440TRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
October 10, 2012
www.irf.com
1
HEXFET® Power MOSFET
GD
S
Gate
Drain
Source
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Maximum Drain Current vs. Case Temperature
Benefits
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
l Lead-Free
l RoHS Compliant containing no Lead, no Bromide,
and no Halogen
Applications
l Brushed Motor drive applications
l BLDC Motor drive applications
l Battery powered circuits
l Half-bridge and full-bridge topologies
l Synchronous rectifier applications
l Resonant mode power supplies
l OR-ing and redundant power switches
l DC/DC and AC/DC converters
l DC/AC Inverters
VDSS
40V
RDS(on) typ.
2.0m
max.
2.5m
ID
208A
c
ID (Package Limited)
120A
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
ID = 100A
TJ = 25°C
TJ = 125°C
D
S
G
StrongIRFET™
IRFS7440PbF
IRFSL7440PbF
D
S
G
D2Pak
IRFS7440PbF
S
D
G
D
TO-262
IRFSL7440PbF
Ordering Information
Form
Quantity
IRFS7440PbF
D2-Pak
Tube
50
IRFS7440PbF
IRFS7440PbF
D2-Pak
Tape and Reel Left
800
IRFS7440TRLPbF
IRFSL7440PbF
TO-262
Tube
50
IRFSL7440PbF
Base Part Number
Package Type
Standard Pack
Complete Part Number
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
40
80
120
160
200
240
Limited By Package


Similar Part No. - IRFS7440TRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS7440PBF IRF-IRFS7440PBF Datasheet
326Kb / 11P
Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF Datasheet
307Kb / 12P
Brushed Motor drive applications
logo
Inchange Semiconductor ...
IRFS7440PBF ISC-IRFS7440PBF Datasheet
317Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
Brushed Motor drive applications
More results

Similar Description - IRFS7440TRLPBF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN47A7JE TOSHIBA-RN47A7JE Datasheet
229Kb / 7P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49A6FS TOSHIBA-RN49A6FS Datasheet
164Kb / 6P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49J2FS TOSHIBA-RN49J2FS Datasheet
175Kb / 6P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49J7FS TOSHIBA-RN49J7FS Datasheet
137Kb / 4P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1101CT TOSHIBA-RN1101CT Datasheet
173Kb / 8P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1112ACT TOSHIBA-RN1112ACT Datasheet
160Kb / 6P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1112CT TOSHIBA-RN1112CT Datasheet
160Kb / 6P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1967CT TOSHIBA-RN1967CT Datasheet
154Kb / 6P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN2131MFV TOSHIBA-RN2131MFV Datasheet
171Kb / 6P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN2961CT TOSHIBA-RN2961CT Datasheet
219Kb / 8P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com