Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS7440PbF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFS7440PbF
Description  Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS7440PbF Datasheet(HTML) 3 Page - International Rectifier

  IRFS7440PbF Datasheet HTML 1Page - International Rectifier IRFS7440PbF Datasheet HTML 2Page - International Rectifier IRFS7440PbF Datasheet HTML 3Page - International Rectifier IRFS7440PbF Datasheet HTML 4Page - International Rectifier IRFS7440PbF Datasheet HTML 5Page - International Rectifier IRFS7440PbF Datasheet HTML 6Page - International Rectifier IRFS7440PbF Datasheet HTML 7Page - International Rectifier IRFS7440PbF Datasheet HTML 8Page - International Rectifier IRFS7440PbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRFS/SL7440PbF
www.irf.com
3
October 10, 2012
S
D
G
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max. Units
gfs
Forward Transconductance
88
–––
–––
S
Qg
Total Gate Charge
–––
90
135
nC
Qgs
Gate-to-Source Charge
–––
23
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
32
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
58
–––
td(on)
Turn-On Delay Time
–––
24
–––
ns
tr
Rise Time
–––
68
–––
td(off)
Turn-Off Delay Time
–––
115
–––
tf
Fall Time
–––
68
–––
Ciss
Input Capacitance
–––
4730
–––
pF
Coss
Output Capacitance
–––
680
–––
Crss
Reverse Transfer Capacitance
–––
460
–––
Coss eff. (ER)
Effective Output Capacitance (Energy Related)
–––
845
–––
Coss eff. (TR)
Effective Output Capacitance (Time Related)
–––
980
–––
Diode Characteristics
Symbol
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
–––
–––
193
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
772
A
(Body Diode)
Ãd
VSD
Diode Forward Voltage
–––
0.9
1.3
V
dv/dt
Peak Diode Recovery
f
–––
6.8
–––
V/ns
trr
Reverse Recovery Time
–––
24
–––
ns
TJ = 25°C
VR = 34V,
–––
28
–––
TJ = 125°C
IF = 100A
Qrr
Reverse Recovery Charge
–––
17
–––
nC
TJ = 25°C
di/dt = 100A/μs
g
–––
20
–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
1.3
–––
A
TJ = 25°C
TJ = 175°C, IS = 100A, VDS = 40V
ID = 30A
RG = 2.7
VGS = 10V g
VDD = 20V
ID = 100A
TJ = 25°C, IS = 100A, VGS = 0V g
integral reverse
p-n junction diode.
MOSFET symbol
showing the
Conditions
VGS = 10V g
VGS = 0V
VDS = 25V
ƒ = 1.0 MHz
ID = 100A, VDS =0V, VGS = 10V
VGS = 0V, VDS = 0V to 32V i
VGS = 0V, VDS = 0V to 32V h
Conditions
VDS = 10V, ID = 100A
VDS =20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com