Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6103M5 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWT6103M5
Description  Cellular Dual Mode AMPS/TDMA Mode 3.5V/30 dBm Linear Power Amplifier Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6103M5 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWT6103M5 Datasheet HTML 1Page - ANADIGICS, Inc AWT6103M5 Datasheet HTML 2Page - ANADIGICS, Inc AWT6103M5 Datasheet HTML 3Page - ANADIGICS, Inc AWT6103M5 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
AWT6103M5
Electrical Specifications AMPS:
(Unless otherwise specified: V
cc = 3.5V,
Z
IN
= Z
OUT
=50
Ω System, T
C = 25 °C)
V
MODE
V
ICQ Typ
Power
Range
P
OUT
Levels
Mode
High
2.7
50 mA
All
0-32 dBm
AMP All Power
High
2.7
50 mA
Low
0-22 dBm
NADC Low Power
Low
0
100 mA
High
22-30 dBm
NADC High Power
Bias Table
Parameter
Minimal
Typical
Maximum
Units
Frequency Range
824
849
MHz
Supply Voltage Range
3.0
3.5
5.0
V
Ref voltage Range
2.75
2.8
2.9
V
Ref current
2
mA
Output Power, V
CC = 3.5V
32.0
dBm
Output Power, V
CC = 3.0V
31.0
dBm
Input Impedance
2:1
Output Impedance
2:1
Efficiency
Pout = 32 dBm
50
%
Icq (V
MODE = 2.7V)
Low Power Mode
50
mA
Noise at Receiver Band
P
OUT
32 dbm
-90
dBm/30 kHz
Gain, P
OUT= 32 dBm
26
dB
Leakage Current
V
CC = 3.5V; V REF = 0V ; V MODE = 2.7V
25
A
Harmonics 2fo, P
OUT = 32 dBm
-30
dBc
3fo, P
OUT = 32 dBm
-30
dBc
Stability
(out of band load VSWR < 20:1)
(in band load VSWR < 10:1)
-60
dBc, all spurious
Pin - 50 dBm …
+0 dBm
Ruggedness
Stress for no permanent degradation
or failure, VCC = 5.0 V
10:1
µ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com