Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC751 Datasheet(PDF) 1 Page - API Technologies Corp

Part # DC751
Description  Octave Band and Broadband
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DC751 Datasheet(HTML) 1 Page - API Technologies Corp

  DC751 Datasheet HTML 1Page - API Technologies Corp DC751 Datasheet HTML 2Page - API Technologies Corp DC751 Datasheet HTML 3Page - API Technologies Corp DC751 Datasheet HTML 4Page - API Technologies Corp DC751 Datasheet HTML 5Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Part
Number*
Dim. A
Dim. B
Dim. C
4.50(114,30)
1.78 (45,2)
1.98 (50,3)
1.00 (25,4)
4.00 (101,6)
1.28 (32,5)
1.48 (37,6)
.50 (12,7)
.70 (17,8)
.50 (12,7)
.70 (17,8)
.50 (12,7)
C0518-10
C752-6/10/20
C218-6/10/20
C756-6
directional couPlers
SpectrumMicrowave.com • 1.603.459.1600
All dimensions shown in decimal inches (mm). Specifications subject to change without notice.
For mounting instructions, additional specifications or other products, visit us online or contact the factory.
• Octave Band and Broadband
• SMA Connectors
• Meets MIL-E-5400 Class 3 or equivalent
• Screenable to MIL-C-15370 or equivalent
1
Flatness specifies the maximum coupling variation within the coupling range.
2
Loss is the actual dissipated and reflected loss. It does NOT include coupling loss.
Part
Number*
C0518-10
C752-6
C752-10
C752-20
C218-6
C218-10
C218-20
C756-6
Frequency
(GHz)
0.5-18
1-2
1-2
1-2
2-18
2-18
2-18
12-18
Coupling
(dB)
10 ± 1
6 ± 1
10 ± 1
20 ± 1
6 ± 1
10 ± 1
20 ± 1
6 ± 1
Flatness1
(dB)
±0.8
±0.6
±0.75
±0.75
±0.5
±0.5
±0.4
±0.5
VSWR Max.
Primary
Secondary
1.40:1
1.15:1
1.10:1
1.10:1
1.45:1
1.45:1
1.45:1
1.40:1
1.40:1
1.15:1
1.15:1
1.15:1
1.35:1
1.35:1
1.35:1
1.35:1
Insertion Loss2
Max. (dB)
1.2
0.2
0.2
0.2
1.0
0.8
0.6
0.8
Directivity
(dB)
20 (0.5-12.4 GHz)
15 (12.4-18 GHz)
25
25
25
20 (2-12.4 GHz)
17 (12.4-18 GHz)
20 (2-12.4 GHz)
17 (12.4-18 GHz)
20 (2-12.4 GHz)
17 (12.4-18 GHz)
15
Power Handling
Average (W)
Peak (kW)
5
2
5
50
2
5
25
2
1.5
3.0
3.0
3.0
1.5
1.5
1.5
2.0


Similar Part No. - DC751

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
DC751 APITECH-DC751 Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC751 APITECH-DC751 Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC751 APITECH-DC751 Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC751 APITECH-DC751 Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC751 APITECH-DC751 Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
More results

Similar Description - DC751

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407790 EXTECH-407790 Datasheet
898Kb / 18P
Real Time Octave Band Analyzer
logo
API Technologies Corp
2375-5 APITECH-2375-5 Datasheet
187Kb / 2P
QUADRATURE HYBRID MULTI-OCTAVE BAND
DC754 APITECH-DC754 Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC753E APITECH-DC753E Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC753 APITECH-DC753 Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC752E APITECH-DC752E Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
C754-6 APITECH-C754-6 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND
C753-30 APITECH-C753-30 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER SPECIFICATION OCTAVE BAND
logo
RF Micro Devices
UMS-1200-A16-G RFMD-UMS-1200-A16-G Datasheet
261Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-1400-A16-G RFMD-UMS-1400-A16-G Datasheet
261Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com