Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2375-9 Datasheet(PDF) 2 Page - API Technologies Corp

Part # 2375-9
Description  QUADRATURE HYBRID
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

2375-9 Datasheet(HTML) 2 Page - API Technologies Corp

  2375-9 Datasheet HTML 1Page - API Technologies Corp 2375-9 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT
QUADRATURE HYBRID
SPECIFICATION
MULTI-OCTAVE BAND, 3 dB
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
Model
See
Dimensions (See Drawing)
Weights
Numbers
Figure
A”
A (cm)
B”
B (cm)
C”
C (cm)
Ounces
Grams
2375-1
2
5.36
(13,61)
5.22
(13,26)
4.80
(12,19)
2.1
59
2375-2
2
2.97
(7,54)
2.83
(7,19)
2.41
(6,12)
1.4
40
2375-3
2
1.78
(4,52)
1.64
(4,17)
1.22
(3,10)
1.2
34
2375-4
2
1.31
(3,33)
1.17
(2,97)
.75
(1,91)
0.7
20
2375-5
2
1.06
(2,69)
.92
(2,34)
.50
(1,27)
0.5
14
2375-7
1
2.53
(6,43)
2.03
(5,16)
1.13
(2,87)
2.3
65
2375-9
1
2.03
(5,16)
1.53
(3,89)
.63
(1,60)
2.0
57
MISCELLANEOUS:
1.
Spectrum Microwave “Standard Warranty and Order Terms and Conditions” apply to all orders.
2.
All specifications subject to change without notice.
3.
Check “Ordering and Availability Listing” for delivery and ordering information.
4.
Contact our local Manufacturers Representative for pricing.
Specification Revision - 070710
OUTLINE DRAWINGS
FIGURE 1
FIGURE 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com