Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3110 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3110
Description  MicroPower??Regulated Charge Pump
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3110 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3110 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3110 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3110 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3110 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3110 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3110 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3110 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3110 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3110 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
3110.2001.9.0.92
1
ChargePump™
General Description
The AAT3110 ChargePump™ is a MicroPower
switched-capacitor voltage converter that delivers
a regulated output. No external inductor is required
for operation. Using three small capacitors, the
AAT3110 can deliver up to 150mA to the voltage
regulated output. The AAT3110 features very low
quiescent current and high efficiency over a large
portion of its load range making this device ideal
for battery-powered applications. Furthermore, the
combination of few external components and small
package size keeps the total converter board area
to a minimum in space restricted applications. The
AAT3110 operates in an output-regulated voltage
doubling mode. The regulator uses a pulse-skip-
ping technique to provide a regulated output from a
varying input supply. The AAT3110 contains a ther-
mal management circuit to protect the device
under continuous output short circuit conditions.
The AAT3110 is available in a surface mount 6-pin
SOT23 or 8-pin SC70JW package and is rated
from -40 to 85°C.
The AAT3110 ChargePump™ is a member of
AnalogicTech's Total Power Management IC prod-
uct family.
Features
•
Step-up type voltage converter
•
Input Range
•
AAT3110-5: 2.7V to 5V
•
AAT3110-3.3: 2.3V to 3.3V
•
MicroPower consumption: 13µA
•
5V, 3.3V Regulated ±4% output
•
5V Output Current
•
100mA with VIN ≥ 3.0V
•
50mA with VIN ≥ 2.7V
•
3.3V Output Current
•
150mA with VIN ≥ 2.7V
•
100mA with VIN ≥ 2.3V
•
High Frequency 750 kHz operation
•
Shutdown mode draws less than 1µA
•
Short-circuit/over-temperature protection
•
2kV ESD Rating
•
SC70JW-8 or SOT23-6 package
Applications
•
Cellular Phones
•
Portable Communication Devices
•
Handheld Electronics
•
Digital Cameras
•
PDAs
•
Battery Back Up Supplies
•
LED/Display Back Light Driver
AAT3110
MicroPower™ Regulated Charge Pump
Typical Operating Circuits
V
IN
VOUT
GND
SHDN
C+
V
IN
C-
AAT3110
V
OUT
1uF
10uF
10uF
ON/OFF
COUT
CIN
3110.2001.9.0.92
1


Similar Part No. - AAT3110

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3110 AAT-AAT3110 Datasheet
284Kb / 20P
MicroPower??Regulated Charge Pump
3110.2005.11.1.4
logo
Skyworks Solutions Inc.
AAT3110 SKYWORKS-AAT3110 Datasheet
1Mb / 20P
MicroPowerTM Regulated Charge Pump
July 3, 2012
logo
Advanced Analog Technol...
AAT3110IGU-4.5-T1 AAT-AAT3110IGU-4.5-T1 Datasheet
284Kb / 20P
MicroPower??Regulated Charge Pump
3110.2005.11.1.4
logo
Skyworks Solutions Inc.
AAT3110IGU-4.5-T1 SKYWORKS-AAT3110IGU-4.5-T1 Datasheet
1Mb / 20P
MicroPowerTM Regulated Charge Pump
July 3, 2012
logo
Advanced Analog Technol...
AAT3110IGU-5.0-T1 AAT-AAT3110IGU-5.0-T1 Datasheet
284Kb / 20P
MicroPower??Regulated Charge Pump
3110.2005.11.1.4
More results

Similar Description - AAT3110

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
MICROPOWER, REGULATED 5V CHARGE PUMP
logo
Advanced Analogic Techn...
AAT3111 ANALOGICTECH-AAT3111 Datasheet
543Kb / 16P
MicroPower??Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3110 AAT-AAT3110 Datasheet
284Kb / 20P
MicroPower??Regulated Charge Pump
3110.2005.11.1.4
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
MicroPower??Regulated Charge Pump
3111.2006.06.1.3
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
MicroPower Regulated Charge Pump
logo
Linear Technology
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
Micropower, Regulated Charge Pump DC/DC Converters
LTC3221 LINER-LTC3221_15 Datasheet
500Kb / 12P
Micropower, Regulated Charge Pump
LTC3221-3.3 LINER-LTC3221-3.3_15 Datasheet
500Kb / 12P
Micropower, Regulated Charge Pump
LTC3221-5 LINER-LTC3221-5_15 Datasheet
500Kb / 12P
Micropower, Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com