Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCIS-6130-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPCIS-6130-R
Description  2-slot CompactPCI Rackmount Chassis
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCIS-6130-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPCIS-6130-R Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3-18
2-slot CompactPCI® Rackmount Chassis
Ordering Information
cPCIS-6130R Series
Features
19” rackmount, 1U height for 6U cPCI boards
with 80 mm rear I/O
PICMG® 2.1 Hot Swap compliant 64-bit 2-slot
CompactPCI® backplane
One cPCI segment, lower-side system slot
Built-in 200 W AC input power supply
Guarded power switch and reset button
Specifications
Enclosure
EIA RS-310C 19” 1U high rackmount enclosure
Coated metal plate outer covering
Guarded power switch and reset button
CompactPCI® Standards 2.0 R3.0, 2.1 R2.0, 2.5 R1.0
Form Factor
6U CompactPCI® with 80 mm depth rear I/O
Backplane
cBP-6402R: 2-slot 6U CompactPCI® backplane
64-bit/66 MHz cPCI bus
One system slot at lower slot, with P3, P4, P5 rear I/O
One peripheral slot, with P3, P5 rear I/O
Utility connectors: Six Fans, PS_ON, Reset, PWR_LED
Power Supply
200 W ATX power supply with AC input switch and cooling fan
AC Input
Universal AC input, 100-240 ±10% V AC
50-60 ±5% Hz
PFC: Typical 0.95
Meets Harmonic Correction IEC1000-3-2
DC Output
16 A @ +5 V, 14 A @ +3.3 V, 9 A @ +12 V,
0.7 A @ -12 V (+5 Vsb and -5 V are not used in
cPCI system)
Maximum total output for +5 V and +3.3 V: 110 W
Maximum total output for +5 V, +3.3 V,
and +12 V: 186 W
Efficiency: 65% at 115 V, full load
Protection
Over load protection: 110%-160%
Over voltage protection on +5 V, +3.3 V
Short circuit protection: each voltage output
Certifications FCC class B, CISPR22 class B
UL 1950, CSA 22.2 No.950 TÜV IEC 950
Cooling System
Two fans for intake, one fan for exhaust on rear board
12 V DC brushless, VAPO bearing 10.8 CFM/each
Rated speed for each fan: 8200 ±1000 RPM
Rated power for each fan: 1.6 W
Three fans for front board exhaust
12 V DC brushless, VAPO bearing 8 CFM/each
Rated speed for each fan: 7000 ±1000 RPM
Rated power for each fan: 1.2 W
Dimensions
482.6 x 43.9 x 302.7 (mm, W x H x D, w/ handle)
Weight
4.5 kg/9.9 lbs (including power supply and backplane)
Operating Temp.
0˚C to 50˚C
Storage Temp.
-20˚C to 80˚C
Humidity
5% to 95%, non-condensing
Shock
15 G peak-to-peak, 11 ms duration, non-operation
Vibration
Non-operation: 1.88 Grms, 5-500 Hz, each axis
Operation: 0.5 Grms, 5-500 Hz, each axis
NEBS
Designed for NEBS Level 3
Rear View
3 + 1 Fans for exhaust
200 W Power Supply
Two Fans for CPU cooling
Mechanical Layout
Recommended Configurations
CPU Board
(System slot)
Rear I/O Board
cPCI-6510, cPCI-6510V
cPCI-R6002, cPCI-R6100, cPCI-R6110, cPCI-R6210,
cPCI-R6700
cPCI-6880, cPCI-6880P
cPCI-R6000P, cPCI-R6002, cPCI-R6100, cPCI-R6110,
cPCI-R6700
cPCI-6870
cPCI-R6101, cPCI-R6111
cPCI-6210
cPCI-R6002, cPCI-R6100, cPCI-R6110, cPCI-R6220,
cPCI-R6700
Model Number cPCI Bus
PSU Type
CMM
PSU MAX
AC-
INPUT
H.110
Alarm
Board
cPCIS-6130R
64-bit/66MHz
ATX
--
200W
1
Y
--
cPCIS-6130-
R/300W
64-bit/66MHz
ATX
--
300W
1
Y
--


Similar Part No. - CPCIS-6130-R

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
CPCIS-6130R ADLINK-CPCIS-6130R Datasheet
193Kb / 2P
2-slot CompactPCI Rackmount Chassis
More results

Similar Description - CPCIS-6130-R

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PCH-R414 PROTECHSYSTEMS-PCH-R414 Datasheet
643Kb / 1P
4U 14-slot Rackmount Chassis
logo
Advantech Co., Ltd.
PCE-7B13-64B1E ADVANTECH-PCE-7B13-64B1E Datasheet
4Mb / 4P
14-slot Rackmount Chassis Backplanes
PCE-7B13-07A1E ADVANTECH-PCE-7B13-07A1E Datasheet
4Mb / 4P
14-slot Rackmount Chassis Backplanes
logo
Axiomtek Co., Ltd.
AX6145 AXIOMTEK-AX6145_16 Datasheet
415Kb / 2P
4U 14-slot Rackmount Chassis
AX6156LE AXIOMTEK-AX6156LE_16 Datasheet
1,006Kb / 2P
4U 14-slot Rackmount Chassis
AX61400 AXIOMTEK-AX61400_16 Datasheet
295Kb / 2P
4U 14-slot Rackmount Chassis
logo
Adlink Technology Inc.
CPCIS-2501 ADLINK-CPCIS-2501 Datasheet
339Kb / 2P
3U CompactPCI 6-slot Cubic Chassis
CPCIS-6130R ADLINK-CPCIS-6130R Datasheet
193Kb / 2P
2-slot CompactPCI Rackmount Chassis
logo
Advantech Co., Ltd.
IPC-623 ADVANTECH-IPC-623_V02 Datasheet
991Kb / 2P
4U 20-Slot Rackmount Chassis
21-Jun-2021
PCE-5B13-08A1E ADVANTECH-PCE-5B13-08A1E Datasheet
149Kb / 1P
14-slot Rackmount Chassis Backplanes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com