Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCIS-6235-R64 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPCIS-6235-R64
Description  2U Rackmount Chassis with Dual AC-Input
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCIS-6235-R64 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPCIS-6235-R64 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.adlinktech.com/cPCI/
3-17
Specifications
Enclosure
EIA RS-310C 19” 2U high Rackmount enclosure
Coated metal plate outer covering
Guarded power switch and alarm reset button
CompactPCI® Standards 2.0 R3.0, 2.1 R2.0, 2.5 R1.0
Form Factor
6U CompactPCI® with 80 mm depth rear I/O
Backplane
cBP-6103R: 3-slot 32-bit 6U cPCI CT bus backplane
cBP-6403R: 3-slot 64-bit 6U cPCI CT bus backplane
cBP-6403R/N110: 3-slot 64-bit 6U cPCI without CT bus
backplane
Power Supply
300 W +300 W dual AC-input mini redundant power supplies
with cooling fan
Active PFC (full range), meets IEC-1000-3-2 CLASS D
Dual-AC inlet with EMI noise filter: FCC Class B, CISPR22
Class B
Cooling
Two 40 mm DC fans per module
AC Input
Full Range, 100~220 VAC (±10%)
Frequency Range: 47-63 Hz
DC Output
32 A @ +5 V, 20 A @ +3.3 V, 16 A @ +12 V,
0.8 A @ -12 V, 0.5 A @ -5 V, 1.5 A @ +5 Vsb
Maximum Total Output for +5 V and +3.3 V: 35 A
Maximum Total Output for +5 V, +3.3 V and
+12 V: 285 W
Efficiency: 63% at 115 V, full load
Temperature Operating 0˚C to 40˚C, Storage -20˚C to 80˚C
Range
Certifications UL 1950, CSA 22.2 NO/ 950, TÜV IEC 950
Dimensions
220 x 120 x 85 (mm, H x W x D)
LED Indicators
Six LEDs indicate power voltage status on +3.3 V, +5 V,
+12 V and -12 V, fan status and temperature alarm
Cooling System
Front access hot swappable fan tray with three fan modules
for exhaust
•Fantype:12VDCbrushless
•Ratedspeed:4000RPM
•Ratedcurrent:0.22A(Max0.33A)
•Maxairflow:48.2CFM
•Acousticalnoise:41dBA
•MTBF:70,000hrs
•ThreeLEDsindicatefanstatus
Dimensions
484.1 x 88.1 x 358.8 (mm, W x H x D, w/ handle)
Weight
17.1 kg/38 lbs
Operating Temp.
0˚C to 40˚C
Storage Temp.
-20˚C to 80˚C
Humidity
5% to 95%, non-condensing
Shock
15 G peak to peak, 11 ms duration, non-operation
Vibration
Non-operation: 1.88 Grms, 5-500 Hz,each axis
Operation: 0.50Grms, 5-500Hz, each axis, tested with
2.5” HDD
2U Rackmount Chassis with Dual AC-Input
Mini Redundant Power Supplies
Features
19” Rackmount, 2U height for 6U cPCI boards
with 80 mm rear I/O
Standard 6U CompactPCI® and PICMG® 2.5
H.110 CT Bus
PICMG® 2.1 Hot Swap compliant 32/64-bit 3-slot
CompactPCI® backplane with P3 & P5 rear I/O
Built-in 300 W + 300 W Dual AC-input
mini redundant power supply units
LED indicators for power status, fan status,
temperature alarm
Ordering Information
Mechanical Layout
cPCIS-6235R Series
Rear View
Alarm Module
Top-side
System Slot
Two Peripheral Slots
Guarded Power Switch and Alarm
Reset Button
Voltages and
Alarm LEDs
Hot Swappable Fan Tray
Module with LEDs
Thermal Sensor
Recommended Configurations
CPU Board
(System slot)
Rear I/O Board
cPCIS-6235R
cPCI-6615, cPCI-6615D
cPCI-R6002
cPCIS-6235R/64
cPCI-6510, cPCI-6510V
cPCI-R6002(D), cPCI-R6100, cPCI-R6110,
cPCI-R6210, cPCI-R6200, cPCI-R6700(D)
cPCI-6880, cPCI-6880P
cPCI-R6000P, cPCI-R6002(D), cPCI-R6100,
cPCI-R6110, cPCI-R6200, cPCI-R6700
cPCI-6870
cPCI-R6101, cPCI-R6111
cPCI-6210, cPCI-6210D
cPCI-R6002(D), cPCI-R6100, cPCI-R6110,
cPCI-R6200, cPCI-R6700D
Model Number
cPCI Bus
PSU Type
CMM
PSU MAX
AC-
INPUT
H.110
Alarm
Board
cPCIS-6235R
32-bit/33MHz ATX
--
300W
2
Y
Basic
Alarm
Module
cPCIS-6235-
R/64
64-bit/66MHz ATX
--
300W
2
Y
Basic
Alarm
Module
cPCIS-6235-
R/64/N110
64-bit/66MHz ATX
--
300W
2
N
Basic
Alarm
Module


Similar Part No. - CPCIS-6235-R64

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
CPCIS-6235R ADLINK-CPCIS-6235R Datasheet
205Kb / 2P
Dual AC-Input Mini Redundant Power Supplies
More results

Similar Description - CPCIS-6235-R64

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PCH-R206 PROTECHSYSTEMS-PCH-R206 Datasheet
97Kb / 1P
2U Rackmount Chassis
logo
AAEON Technology
ARC-625M AAEON-ARC-625M Datasheet
292Kb / 2P
2U Height 19??Rackmount Chassis
FWS-825 AAEON-FWS-825 Datasheet
893Kb / 2P
2U Rackmount Chassis
logo
List of Unclassifed Man...
CPCIS-6230R ETC2-CPCIS-6230R Datasheet
320Kb / 2P
2U Rackmount Chassis with 1U ATX Power Supply
logo
Axiomtek Co., Ltd.
AX61221TM AXIOMTEK-AX61221TM_16 Datasheet
287Kb / 2P
2U Rackmount Chassis for ATX Motherboard
AX61221TM AXIOMTEK-AX61221TM_17 Datasheet
286Kb / 2P
2U Rackmount Chassis for ATX Motherboard
AX61222TP AXIOMTEK-AX61222TP_17 Datasheet
437Kb / 2P
2U Compact Rackmount Chassis
logo
Advantech Co., Ltd.
ACP-2010 ADVANTECH-ACP-2010 Datasheet
785Kb / 2P
2U Rackmount Chassis for ATX/MicroATX Motherboard
IPC-603 ADVANTECH-IPC-603 Datasheet
1Mb / 2P
2U 3-Slot Rackmount Chassis for ATX
logo
Adlink Technology Inc.
CPCIS-6230R ADLINK-CPCIS-6230R Datasheet
223Kb / 2P
2U Rackmount Chassis with 1U ATX Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com