Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8250-R82K-RC Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 8250-R82K-RC
Description  Shielded RF Choke
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

8250-R82K-RC Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  8250-R82K-RC Datasheet HTML 1Page - Bourns Electronic Solutions 8250-R82K-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
8250 Series - Shielded RF Choke
Electrical Specifications (@ 25 °C) - Continued
Test
SRF
DCR
Part
Inductance
Freq.
(MHz)
(
Ω)
Idc
Isat
Number
(µH) ±10 %
Q Min.
(MHz)
Min.
max.
(mA)
(mA)
8250-821K-RC
820
70
0.79
4.8
10.4
151
45
8250-102K-RC
1000
65
0.79
4.5
12.1
139
40
8250-122K-RC
1200
70
0.25
2.6
15.1
125
35
8250-152K-RC
1500
70
0.25
2.5
16.8
119
33
8250-182K-RC
1800
70
0.25
2.3
19.1
111
30
8250-222K-RC
2200
70
0.25
2.2
22.0
103
27
8250-272K-RC
2700
70
0.25
2.1
25.1
97
25
8250-332K-RC
3300
70
0.25
2
33.3
85
22
8250-392K-RC
3900
70
0.25
1.8
36.8
80
20
8250-472K-RC
4700
70
0.25
1.7
51.2
68
19
8250-562K-RC
5600
70
0.25
1.6
54.6
66
17
8250-682K-RC
6800
70
0.25
1.5
62
62
16
8250-822K-RC
8200
70
0.25
1.4
86.6
52
15
8250-103K-RC
10,000
70
0.25
1.3
93.1
50
14
8250-123K-RC
12,000
50
0.079
0.88
84
53
13
8250-153K-RC
15,000
50
0.079
0.78
97
49
12
8250-183K-RC
18,000
50
0.079
0.72
104
48
10
8250-223K-RC
22,000
50
0.079
0.57
145
40
9
8250-273K-RC
27,000
50
0.079
0.46
195
34
8
8250-333K-RC
33,000
50
0.079
0.42
222
32
7.5
8250-393K-RC
39,000
50
0.079
0.42
242
31
6
8250-473K-RC
47,000
50
0.079
0.37
317
27
5.5
8250-563K-RC
56,000
50
0.079
0.36
362
25
5
8250-683K-RC
68,000
50
0.079
0.35
410
24
4
8250-823K-RC
82,000
50
0.079
0.34
440
23
3.5
8250-104K-RC
100,000
50
0.079
0.32
484
22
3
Color
1st & 2nd
Significant Figure
or Decimal Point
Multiplier
Tolerance
Black
0
1
Brown
1
10
Red
2
100
Orange
3
1000
Yellow
4
Green
5
Blue
6
Violet
7
Gray
8
White
9
%
0
1
±
r
e
v
li
S
Gold
Decimal Point
± 5 %
Typical Part Marking - MIL-STD Color Code
Mil. identifier (Silver, twice the width
of other bands)
1st significant figure (Blue)
Decimal point (Gold)
2nd significant figure (Gray)
Tolerance (Silver)
Example for L value less than 10 µH
6.8 µH, ±10 %
Mil. identifier (Silver, twice the width
of other bands)
1st significant figure (Red)
2nd significant figure (Purple)
Multiplier (Brown)
Tolerance (Gold)
Example for L value 10 µH and higher
270 µH, ±5 %
REV. 02/09



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com